Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4066B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4066B
Description  QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4066B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4066B Datasheet HTML 1Page - STMicroelectronics HCF4066B Datasheet HTML 2Page - STMicroelectronics HCF4066B Datasheet HTML 3Page - STMicroelectronics HCF4066B Datasheet HTML 4Page - STMicroelectronics HCF4066B Datasheet HTML 5Page - STMicroelectronics HCF4066B Datasheet HTML 6Page - STMicroelectronics HCF4066B Datasheet HTML 7Page - STMicroelectronics HCF4066B Datasheet HTML 8Page - STMicroelectronics HCF4066B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HCF4066B
2/10
and n device in a given switch are biased ON or
OFF simultaneously by the control signal. As
shown in schematic diagram, the well of the
n-channel device on each switch is either tied to
theinput when theswitchis ONortoVSS when
the switch is OFF. This configuration eliminates
the variation of the switch-transistor threshold
voltage with input signal, and thus keeps the ON
resistance low over the full operating signal range.
The advantages over single channel switches
include peak input signal voltage swings equal to
the full supply voltage, and more constant ON
impedance over the input signal range. For
sample and hold applications, however, the
HCF4016B is recommended.
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
SCHEMATIC DIAGRAM (1 OF 4 IDENTICAL SWITCHES AND ITS ASSOCIATED CONTROL
CIRCUITY)
PIN N°
SYMBOL
NAME AND FUNCTION
1, 4, 8, 11
A to D I/O
Independent Inputs/Out-
puts
2, 3, 9, 10
A to D O/I
Independent Outputs/
Inputs
13,5, 6,12
CONTROL
Ato D
Enable Inputs
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage
CONTROL
SWITCH FUNCTION
HON
LOFF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com