Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4066B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4066B
Description  QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4066B Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4066B Datasheet HTML 1Page - STMicroelectronics HCF4066B Datasheet HTML 2Page - STMicroelectronics HCF4066B Datasheet HTML 3Page - STMicroelectronics HCF4066B Datasheet HTML 4Page - STMicroelectronics HCF4066B Datasheet HTML 5Page - STMicroelectronics HCF4066B Datasheet HTML 6Page - STMicroelectronics HCF4066B Datasheet HTML 7Page - STMicroelectronics HCF4066B Datasheet HTML 8Page - STMicroelectronics HCF4066B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HCF4066B
4/10
-50dB Crosstalk
Frequency
VC(A) =VDD =+5V
VC(B) =VSS =-5V
VIS(A) = 5V (p-p)
50
Ω source, R
L =1KΩ
8MHz
tpd
Propagation Delay
Time (signal input
to output)
RL = 200KΩ, VC =VDD
VSS =GND, CL = 50pF
VIS= 10V
square wave centered on 5V
tr,tf = 20ns
20
40
ns
10
20
715
CIS
Input Capacitance
VC =VSS =-5
+5
8
pF
COS
Output
Capacitance
8
CIOS
Feedthrough
0.5
Input/Output
Leakage Current
Switch OFF
VC =0V
VIS = 18V, VOS =0V
VIS =0V, VOS = 18V
18
±10-3 ±0.1
±1
±1
µA
CONTROL (VC)
VILC
Control Input Low
Voltage
I
IS<10 µA
VIS =VSS,VOS =VDD
and
VIS =VDD,VOS =VSS
51
1
1
V
10
2
2
2
15
2
2
2
VIHC
Control Input High
Voltage
5
3.5
3.5
3.5
V
10
7
7
7
15
11
11
11
II
Input Leakage
Current
VIS < VDD
VDD -VSS =18V
18
±10-5 ±0.1
±1
±1
µA
Crosstalk (control
input to signal
output)
VC = 10V (sq. wave)
tr,tf = 20ns
RL = 10KΩ
10
50
mV
Turn - On
Propagation Delay
Time
VIN =VDD, tr,tf = 20ns
CL = 50pF, RL =1KΩ
535
70
ns
10
20
40
15
15
30
Control Input
Repetition Rate
VIS=VDD, VSS=GND
RL =1KΩ to GND
CL = 50pF, VC = 10V
sq. wave center on 5V
tr,tf = 20ns
VOS=1/2VOS at 1KHz
56
MHz
10
9
15
9.5
CI
Input Capacitance
Any Input
5
7.5
pF
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VDD
(V)
TA =25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com