Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z30PM Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z30PM
Description  CMOS 32K x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30PM Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z30PM Datasheet HTML 4Page - STMicroelectronics M48Z30PM Datasheet HTML 5Page - STMicroelectronics M48Z30PM Datasheet HTML 6Page - STMicroelectronics M48Z30PM Datasheet HTML 7Page - STMicroelectronics M48Z30PM Datasheet HTML 8Page - STMicroelectronics M48Z30PM Datasheet HTML 9Page - STMicroelectronics M48Z30PM Datasheet HTML 10Page - STMicroelectronics M48Z30PM Datasheet HTML 11Page - STMicroelectronics M48Z30PM Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Supply Voltage and Write
Protect Voltage
30
VCC = 4.75V to 5.5V
VPFD = 4.5V to 4.75V
30Y
VCC = 4.5V to 5.5V
VPFD = 4.2V to 4.5V
Speed
-85
85ns
-100
100ns
Package
PM
PMDIP28
Temp. Range
1
0 to 70
°C
Example:
M48Z30Y
-85
PM
1
For a list of available options (Package and Speed) refer to the current Memory Shortform catalogue.
For further information or any aspect of this device, please contact the SGS-THOMSON Sales Office
nearest to you.
ORDERING INFORMATION SCHEME
10/12
M48Z30, M48Z30Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com