Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z30PM Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48Z30PM
Description  CMOS 32K x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30PM Datasheet(HTML) 2 Page - STMicroelectronics

  M48Z30PM Datasheet HTML 1Page - STMicroelectronics M48Z30PM Datasheet HTML 2Page - STMicroelectronics M48Z30PM Datasheet HTML 3Page - STMicroelectronics M48Z30PM Datasheet HTML 4Page - STMicroelectronics M48Z30PM Datasheet HTML 5Page - STMicroelectronics M48Z30PM Datasheet HTML 6Page - STMicroelectronics M48Z30PM Datasheet HTML 7Page - STMicroelectronics M48Z30PM Datasheet HTML 8Page - STMicroelectronics M48Z30PM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Note: Stresses greater than those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to the absolute maximum ratings conditions for extended periods of time may affect reliability.
CAUTION: Negative undershoots below –0.3 volts are not allowed on any pin while in the Battery Back-up mode.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off)
–40 to 70
°C
TBIAS
Temperature Under Bias
–10 to 70
°C
TSLD
Lead Soldering Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
Table 2. Absolute Maximum Ratings
Figure 2. DIP Pin Connections
RAM directly replaces industry standard SRAMs. It
also fits into many EPROM and EEPROM sockets,
providing the nonvolatility of PROMs without any
requirement for special write timing or limitations
on the number of writes that can be performed.
The M48Z30/30Y has its own Power-fail Detect
Circuit. The control circuitry constantly monitors the
single 5V supply for an out of tolerance condition.
When VCC is out of tolerance, the circuit write
protects the SRAM, providing a high degree of data
security in the midst of unpredictable system op-
erations brought on by low VCC.As VCC falls below
approximately3V, the control circuitry connectsthe
battery which sustains data until valid power re-
turns.
READ MODE
The M48Z30/30Y is in the Read Mode whenever
W (Write Enable) is high and E (Chip Enable) is low.
The device architecture allows ripple-through ac-
cess of data from eight of 262,144 locations in the
static storage array. Thus, the unique address
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75V to 5.5V
or
4.5V to 5.5V
VIH
X
X
High Z
Standby
Write
VIL
XVIL
DIN
Active
Read
VIL
VIL
VIH
DOUT
Active
Read
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO
X
X
X
High Z
Battery Back-up Mode
Table 3. Operating Modes
Note:X = VIH or VIL
DESCRIPTION (cont’d)
2/12
M48Z30, M48Z30Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com