Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WH Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2904WH
Description  Low power dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WH Datasheet(HTML) 5 Page - STMicroelectronics

  LM2904WH_08 Datasheet HTML 1Page - STMicroelectronics LM2904WH_08 Datasheet HTML 2Page - STMicroelectronics LM2904WH_08 Datasheet HTML 3Page - STMicroelectronics LM2904WH_08 Datasheet HTML 4Page - STMicroelectronics LM2904WH_08 Datasheet HTML 5Page - STMicroelectronics LM2904WH_08 Datasheet HTML 6Page - STMicroelectronics LM2904WH_08 Datasheet HTML 7Page - STMicroelectronics LM2904WH_08 Datasheet HTML 8Page - STMicroelectronics LM2904WH_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM2904WH
Electrical characteristics
5/12
SR
Slew rate (unity gain)
VCC
+ = 15V, Vi = 0.5 to 3V, R
L = 2kΩ, CL = 100pF,
Tmin ≤ Tamb ≤ Tmax
0.3
0.2
0.6
V/µs
GBP
Gain bandwidth product f = 100kHz
VCC
+ = 30V, V
in = 10mV, RL = 2kΩ, CL = 100pF
Tmin ≤ Tamb ≤ Tmax
0.7
0.45
1.1
MHz
THD
Total harmonic distortion
f = 1kHz, AV = 20dB, RL = 2kΩ, Vo = 2Vpp,
CL = 100pF, VCC = 30V
0.02
%
en
Equivalent input noise voltage
f= 1kHz, RS =100Ω, VCC = 30V
55
nV/
√Hz
DVio
Input offset voltage drift
7
30
µV/°C
DIio
Input offset current drift
10
300
pA/°C
VO1/VO2
Channel separation (3)
1kHz
≤ f ≤ 20kHz
120
dB
1.
VO = 1.4 V, RS = 0 Ω, 5 V < VCC
+ < 30 V, 0 V < V
ic < VCC
+ - 1.5 V.
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the
state of the output, so there is no change in the loading charge on the input lines.
3.
Due to the proximity of external components, ensure that stray capacitance does not cause coupling
between these external parts. Typically, this can be detected because this type of capacitance increases at
higher frequencies.
Table 3.
VCC
+ = 5V, V
CC
- = Ground, V
o = 1.4V, Tamb = 25°C (unless otherwise
specified) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com