Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WH Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2904WH
Description  Low power dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WH Datasheet(HTML) 1 Page - STMicroelectronics

  LM2904WH_08 Datasheet HTML 1Page - STMicroelectronics LM2904WH_08 Datasheet HTML 2Page - STMicroelectronics LM2904WH_08 Datasheet HTML 3Page - STMicroelectronics LM2904WH_08 Datasheet HTML 4Page - STMicroelectronics LM2904WH_08 Datasheet HTML 5Page - STMicroelectronics LM2904WH_08 Datasheet HTML 6Page - STMicroelectronics LM2904WH_08 Datasheet HTML 7Page - STMicroelectronics LM2904WH_08 Datasheet HTML 8Page - STMicroelectronics LM2904WH_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
April 2008
Rev 6
1/12
12
LM2904WH
Low power dual operational amplifier
Features
■ Internally frequency compensated
■ Large DC voltage gain: 100 dB
■ Wide bandwidth (unity gain: 1.1 MHz
temperature compensated)
■ Very low supply current per operator (500 µA)
■ Low input bias current: 20 nA
(temperaturecompensated)
■ Low input offset current: 2 nA
■ Input common-mode voltage range includes
ground
■ Differential input voltage range equal to the
power supply voltage
■ Large output voltage swing 0 V to VCC -1.5 V
■ Internal ESD protection:
–2 kV HBM
– 200 V MM
Description
This circuit consists of two independent, high-
gain, internally frequency-compensated operational
amplifiers, designed specifically for automotive
and industrial control systems. It operates from a
single power supply over a wide range of
voltages. The low power supply drain is
independent of the magnitude of the power supply
voltage.
Application areas include transducer amplifiers,
DC gain blocks and all the conventional op-amp
circuits which now can be more easily
implemented in single power supply systems. For
example, these circuits can be directly supplied
from standard +5 V which is used in logic systems
and will easily provide the required interface
electronics without requiring any additional power
supply.
In linear mode, the input common-mode voltage
range includes ground and the output voltage can
also swing to ground, even though operated from
a single power supply.
D
SO-8
(Plastic micropackage)
Wafer form
www.st.com


Similar Part No. - LM2904WH_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904WHD STMICROELECTRONICS-LM2904WHD Datasheet
219Kb / 11P
Low power dual operational amplifier
20-Jul-2007
LM2904WHDT STMICROELECTRONICS-LM2904WHDT Datasheet
219Kb / 11P
Low power dual operational amplifier
20-Jul-2007
LM2904WHYD STMICROELECTRONICS-LM2904WHYD Datasheet
219Kb / 11P
Low power dual operational amplifier
20-Jul-2007
LM2904WHYDT STMICROELECTRONICS-LM2904WHYDT Datasheet
219Kb / 11P
Low power dual operational amplifier
20-Jul-2007
More results

Similar Description - LM2904WH_08

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Daewoo Semiconductor
DBL358 DAEWOO-DBL358 Datasheet
355Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIER
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
Ceramate Technical
CO358 CERAMATE-CO358 Datasheet
523Kb / 5P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL358 IKSEMICON-IL358 Datasheet
449Kb / 7P
Low Power Dual Operational Amplifier
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com