Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z30YPM Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z30YPM
Description  CMOS 32K x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30YPM Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z30YPM Datasheet HTML 1Page - STMicroelectronics M48Z30YPM Datasheet HTML 2Page - STMicroelectronics M48Z30YPM Datasheet HTML 3Page - STMicroelectronics M48Z30YPM Datasheet HTML 4Page - STMicroelectronics M48Z30YPM Datasheet HTML 5Page - STMicroelectronics M48Z30YPM Datasheet HTML 6Page - STMicroelectronics M48Z30YPM Datasheet HTML 7Page - STMicroelectronics M48Z30YPM Datasheet HTML 8Page - STMicroelectronics M48Z30YPM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
specified by the 15 Address Inputs defines which
one of the 32,768 bytes of data is to be accessed.
Valid data will be available at the Data I/O pins
within tAVQV (Address Access Time) after the last
address input signal is stable, providing that the E
and G (Output Enable) access times are also sat-
isfied. If the E and G access times are not met, valid
data will be available after the later of Chip Enable
Access Time (tELQV) or Output Enable Access Time
(tGLQV).
The state of the eight three-state Data I/O signals
is controlled by E and G. If the outputs are activated
before tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain low, output
data will remain valid for tAXQX (Output Data Hold
Time) but will go indeterminate until the next Ad-
dress Access.
WRITE MODE
The M48Z30/30Yis in the Write Mode whenever W
and E are active. The start of a write is referenced
from the latter occurring falling edge of W or E.
Figure 4. AC Testing Load Circuit
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
AC MEASUREMENT CONDITIONS
Note that Output Hi-Z is defined as the point where data
is no longer driven.
Figure 3. Block Diagram
3/12
M48Z30, M48Z30Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com