Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z30YPM Datasheet(PDF) 6 Page - STMicroelectronics

Part # M48Z30YPM
Description  CMOS 32K x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30YPM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M48Z30YPM Datasheet HTML 2Page - STMicroelectronics M48Z30YPM Datasheet HTML 3Page - STMicroelectronics M48Z30YPM Datasheet HTML 4Page - STMicroelectronics M48Z30YPM Datasheet HTML 5Page - STMicroelectronics M48Z30YPM Datasheet HTML 6Page - STMicroelectronics M48Z30YPM Datasheet HTML 7Page - STMicroelectronics M48Z30YPM Datasheet HTML 8Page - STMicroelectronics M48Z30YPM Datasheet HTML 9Page - STMicroelectronics M48Z30YPM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Symbol
Parameter
M48Z30 / 30Y
Unit
-85
-100
Min
Max
Min
Max
tAVAV
Read Cycle Time
85
100
ns
tAVQV
(1)
Address Valid to Output Valid
85
100
ns
tELQV
(1)
Chip Enable Low to Output Valid
85
100
ns
tGLQV
(1)
Output Enable Low to Output Valid
45
50
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
40
40
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
35
35
ns
tAXQX
(1)
Address Transition to Output Transition
10
10
ns
Notes: 1. CL = 100pF (see Figure 4).
2. CL = 5pF (see Figure 4)
Table 8. Read Mode AC Characteristics (TA = 0 to 70
°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
Figure 6. Address Controlled, Read Mode AC Waveforms
Note: E = Low, G = Low, W = High.
6/12
M48Z30, M48Z30Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com