Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WHDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2904WHDT
Description  Low power dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WHDT Datasheet(HTML) 3 Page - STMicroelectronics

  LM2904WHDT Datasheet HTML 1Page - STMicroelectronics LM2904WHDT Datasheet HTML 2Page - STMicroelectronics LM2904WHDT Datasheet HTML 3Page - STMicroelectronics LM2904WHDT Datasheet HTML 4Page - STMicroelectronics LM2904WHDT Datasheet HTML 5Page - STMicroelectronics LM2904WHDT Datasheet HTML 6Page - STMicroelectronics LM2904WHDT Datasheet HTML 7Page - STMicroelectronics LM2904WHDT Datasheet HTML 8Page - STMicroelectronics LM2904WHDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM2904WH
Absolute maximum ratings and operating conditions
3/12
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
+32
V
Vid
Differential input voltage
-0.3 to VCC+0.3
V
Vin
Input voltage
-0.3 to VCC+0.3
V
Output short-circuit to ground(1)
1.
Short-circuits from the output to VCC can cause excessive heating if VCC
+ > 15 V. The maximum output
current is approximately 40 mA, independent of the magnitude of VCC. Destructive dissipation can result
from simultaneous short-circuits on all amplifiers.
40
mA
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (2)
SO-8
2.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
125
°C/W
Rthjc
Thermal resistance junction to case (2)
SO-8
40
°C/W
Iin
Input current (3)
3.
This input current only exists when the voltage values applied on the inputs is beyond the supply voltage
line limits. This is not destructive if the current does not exceed 5 mA as indicated, and normal output is
restored for input voltages above -0.3V.
5mA
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(4)
4.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM: machine model(5)
5.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model(6)
6.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
3 to 30
V
Toper
Operating free-air temperature range
-40 to +150
°C
Vicm
Input common mode voltage range
(VCC
+=+30V)(1)
Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
1.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by
more than 0.3 V. The upper end of the common-mode voltage range is VCC
+ –1.5 V, but either or both
inputs can go to +32 V without damage.
0 to VCC
+ -1.5
0 to VCC
+ -2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com