Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904WHDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2904WHDT
Description  Low power dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WHDT Datasheet(HTML) 4 Page - STMicroelectronics

  LM2904WHDT Datasheet HTML 1Page - STMicroelectronics LM2904WHDT Datasheet HTML 2Page - STMicroelectronics LM2904WHDT Datasheet HTML 3Page - STMicroelectronics LM2904WHDT Datasheet HTML 4Page - STMicroelectronics LM2904WHDT Datasheet HTML 5Page - STMicroelectronics LM2904WHDT Datasheet HTML 6Page - STMicroelectronics LM2904WHDT Datasheet HTML 7Page - STMicroelectronics LM2904WHDT Datasheet HTML 8Page - STMicroelectronics LM2904WHDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
LM2904WH
4/12
3
Electrical characteristics
Table 3.
VCC
+ = 5V, V
CC
- = Ground, V
o = 1.4V, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tmin ≤ Tamb ≤ Tmax
27
9
mV
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
230
40
nA
Iib
Input bias current (2)
Tmin ≤ Tamb ≤ Tmax
20
150
200
nA
Avd
Large signal voltage gain
VCC
+ = +15V,R
L=2kΩ, Vo = 1.4V to 11.4V
Tmin ≤ Tamb ≤ Tmax
50
2.5
100
V/mV
SVR
Supply voltage rejection ratio
VCC
+ = +5 to +30V, R
S ≤ 10kΩ
Tmin ≤ Tamb ≤ Tmax
65
65
100
dB
ICC
Supply current, all amps, no load
VCC
+ = +5V
Tmin ≤ Tamb ≤ Tmax, VCC = +30V
0.7
1.2
2
mA
CMR
Common-mode rejection ratio (RS = 10kΩ)
Tmin ≤ Tamb ≤ Tmax
70
60
85
dB
Isource
Output short-circuit current
VCC
+= +15V, V
o = +2V, Vid = +1V
Tmin ≤ Tamb ≤ Tmax
20
10
40
60
mA
Isink
Output sink current
VO = 2V, VCC
+ = +5V
Tmin ≤ Tamb ≤ Tmax
VO = +0.2V, VCC
+ = +15V
Tmin ≤ Tamb ≤ Tmax
10
5
12
10
20
50
mA
µA
VOPP
Output voltage swing (RL = 2kΩ)
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -1.5
VCC
+ -2
V
VOH
High level output voltage (VCC
+ = + 30V)
RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
26
26
27
27
27
28
V
VOL
Low level output voltage (RL = 10kΩ)
Tmin ≤ Tamb ≤ Tmax
520
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com