Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35AV Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48Z35AV
Description  256 Kbit 32Kb x8 ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AV Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48Z35AV Datasheet HTML 7Page - STMicroelectronics M48Z35AV Datasheet HTML 8Page - STMicroelectronics M48Z35AV Datasheet HTML 9Page - STMicroelectronics M48Z35AV Datasheet HTML 10Page - STMicroelectronics M48Z35AV Datasheet HTML 11Page - STMicroelectronics M48Z35AV Datasheet HTML 12Page - STMicroelectronics M48Z35AV Datasheet HTML 13Page - STMicroelectronics M48Z35AV Datasheet HTML 14Page - STMicroelectronics M48Z35AV Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
M48Z35AY, M48Z35AV
Table 11. Ordering Information Scheme
Note: 1. The SOIC package (SOH28) requires the battery package (SNAPHAT) which is ordered separately under the part number
"M4Zxx-BR00SH1" in plastic tube or "M4Zxx-BR00SH1TR" in Tape & Reel form.
2. Industrial temperature grade available in SOIC package (SOH28) only.
Caution: Do not place the SNAPHAT battery package "M4Z28-BR00SH1" in conductive foam since will drain the lithium button-cell battery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M48Z35AY
-70 MH
1
TR
Supply Voltage and Write Protect Voltage
35AY = VCC = 4.5V to 5.5V; VPFD = 4.2V to 4.5V
35AV = VCC = 3.0V to 3.6V; VPFD = 2.7V to 3.0V
Speed
-70 = 70ns (M48Z35AY)
-100 = 100ns (M48Z35AV)
Package
PC = PCDIP28
MH (1) = SOH28
Temperature Range
1 = 0 to 70 °C
6 (2) = –40 to 85 °C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel
Table 12. Revision History
Date
Revision Details
September 1999
First Issue
04/20/00
SH and SH28 packages for 2-pin and 2-socket removed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com