Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z35AV Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48Z35AV
Description  256 Kbit 32Kb x8 ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AV Datasheet(HTML) 4 Page - STMicroelectronics

  M48Z35AV Datasheet HTML 1Page - STMicroelectronics M48Z35AV Datasheet HTML 2Page - STMicroelectronics M48Z35AV Datasheet HTML 3Page - STMicroelectronics M48Z35AV Datasheet HTML 4Page - STMicroelectronics M48Z35AV Datasheet HTML 5Page - STMicroelectronics M48Z35AV Datasheet HTML 6Page - STMicroelectronics M48Z35AV Datasheet HTML 7Page - STMicroelectronics M48Z35AV Datasheet HTML 8Page - STMicroelectronics M48Z35AV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
M48Z35AY, M48Z35AV
4/16
The SOIC and battery packages are shipped sep-
arately in plastic anti-static tubes or in Tape & Reel
form.
For the 28 lead SOIC, the battery package (i.e.
SNAPHAT) part number is "M4Z28-BR00SH1".
The M48Z35AY/35AV also has its own Power-fail
Detect circuit. The control circuitry constantly mon-
itors the single 5V supply for an out of tolerance
condition. When VCC is out of tolerance, the circuit
write protects the SRAM, providing a high degree
of data security in the midst of unpredictable sys-
tem operation brought on by low VCC. As VCC falls
below approximately 3V, the control circuitry con-
nects the battery which maintains data until valid
power returns.
READ MODE
The M48Z35AY/35AV is in the Read Mode when-
ever W (Write Enable) is high, E (Chip Enable) is
low. The device architecture allows ripple-through
access of data from eight of 264,144 locations in
the static storage array. Thus, the unique address
specified by the 15 Address Inputs defines which
one of the 32,768 bytes of data is to be accessed.
Valid data will be available at the Data I/O pins
within Address Access time (tAVQV) after the last
address input signal is stable, providing that the E
and G access times are also satisfied. If the E and
G access times are not met, valid data will be
available after the latter of the Chip Enable Access
time (tELQV) or Output Enable Access time
(tGLQV).
The state of the eight three-state Data I/O signals
is controlled by E and G. If the outputs are activat-
ed before tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain active,
output data will remain valid for Output Data Hold
time (tAXQX) but will go indeterminate until the next
Address Access.
WRITE MODE
The M48Z35AY/35AV is in the Write Mode when-
ever W and E are low. The start of a write is refer-
enced from the latter occurring falling edge of W or
E. A write is terminated by the earlier rising edge
of W or E. The addresses must be held valid
throughout the cycle. E or W must return high for
a minimum of tEHAX from Chip Enable or tWHAX
from Write Enable prior to the initiation of another
read or write cycle. Data-in must be valid tDVWH
prior to the end of write and remain valid for tWHDX
afterward. G should be kept high during write cy-
cles to avoid bus contention; although, if the output
bus has been activated by a low on E and G, a low
on W will disable the outputs tWLQZ after W falls.
Table 4. AC Measurement Conditions
Note that Output Hi-Z is defined as the point where data is no longer
driven.
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Figure 4. AC Testing Load Circuit
AI03211
CL = 100pF or
5pF
CL includes JIG capacitance
645
DEVICE
UNDER
TEST
1.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com