Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM30/24 Datasheet(PDF) 2 Page - ABB

Part # TM30/24
Description  TM30/24 Fail safe bell transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TM30/24 Datasheet(HTML) 2 Page - ABB

  TM30/24 Datasheet HTML 1Page - ABB TM30/24 Datasheet HTML 2Page - ABB TM30/24 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3 W
Power Loss
30 V·A
Power Supply
30 W
Rated Output Power
B
Insulation Class
0.5 N·m
Tightening Torque
Fail - Safe Bell Transformers
Transformer Type
None
Options Provided
Suitable for loads that require a discontinuous supply. Double insulation
between primary and secondary windings
Remarks
2.5 mm²
Connecting Capacity
9 mm
Wire Stripping Length
Material Compliance
2CSC446004K0201
RoHS Information
Following EU Directive 2002/95/EC August 18, 2005 and amendment
RoHS Status
25/06/2009 0.00.00
RoHS Date
9AKK108467A9482
REACH Declaration
True - contains substances > 0.1 mass percentage
REACH Information
9AKK108468A3363
Conflict Minerals
Reporting Template
(CMRT)
Environmental
Operation +10 ... +40 °C
Ambient Air
Temperature
IP20
Degree of Protection
Technical UL/CSA
14 AWG
Connecting Capacity
UL/CSA
Dimensions
3
Width in Number of
Modular Spacings
52.5 mm
Product Net Width
0.085 m
Product Net Height
0.065 m
Product Net Depth /
Length
0.450 kg
Product Net Weight
Ordering
box 4 piece
Package Level 1 Units
1.8 kg
Package Level 1 Gross
Weight
Certificates and Declarations
2/3
TM30/24
© 2024 ABB. All rights reserved.
Subject to change without notice
2024/06/23



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com