Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM30/24 Datasheet(PDF) 1 Page - ABB

Part # TM30/24
Description  TM30/24 Fail safe bell transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TM30/24 Datasheet(HTML) 1 Page - ABB

  TM30/24 Datasheet HTML 1Page - ABB TM30/24 Datasheet HTML 2Page - ABB TM30/24 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TM30/24 Fail safe bell transformer
TM30/24
Extended Product Type
TM30/24
Product ID
2CSM228765R0802
EAN
8012542287650
Catalog Description
TM30/24 Fail safe bell transformer
Long Description
These transformers, with safety extremely-low voltage secondary (SELV), are suitable
for driving loads that call for a discontinuous supply.
General Information
PRODUCT-DETAILS
Technical
IEC/EN 61558-2-8
Standards
Residential
Application
230 V
Primary Voltage
(5-6) & (6-7) 12 V AC
(5-7) 24 V AC
Secondary Voltage
1.25 A
Secondary Current
2.5 A
Output Current
Maximum (Iout)
50/60 Hz
Rated Frequency (f)
1/3
TM30/24
© 2024 ABB. All rights reserved.
Subject to change without notice
2024/06/23


Similar Part No. - TM30/24

ManufacturerPart #DatasheetDescription
logo
ABB
TM30/12 ABB-TM30/12 Datasheet
779Kb / 5P
TM30/12 Fail safe bell transformer
11/29/2019
More results

Similar Description - TM30/24

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6808B ATMEL-U6808B_05 Datasheet
266Kb / 14P
Specia Fail-safe IC
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11136 AVAGO-ALM-11136_15 Datasheet
414Kb / 12P
Fail-Safe Bypass Feature
logo
STMicroelectronics
SPC560P44L3 STMICROELECTRONICS-SPC560P44L3 Datasheet
988Kb / 112P
Fail safe protection
18-Sep-2013
logo
BELIMO AIRCONTROLS (USA...
GKB24-3 BELIMO-GKB24-3 Datasheet
765Kb / 3P
On/Off, Floating Point, Electronic Fail-Safe, 24 V
GKB24-MFT BELIMO-GKB24-MFT Datasheet
1Mb / 4P
Modulating, Electronic Fail-Safe, 24 V, Multi-Function Technology
GKX24-3 BELIMO-GKX24-3 Datasheet
766Kb / 3P
On/Off, Floating Point, Electronic Fail-Safe, 24 V
GKX24-MFT BELIMO-GKX24-MFT Datasheet
1Mb / 4P
Modulating, Electronic Fail-Safe, 24 V, Multi-Function Technology
NKQB24-1 BELIMO-NKQB24-1 Datasheet
710Kb / 3P
On/Off, Electronic Fail-Safe, 24 V, Quick Running
NKQX24-1 BELIMO-NKQX24-1 Datasheet
710Kb / 3P
On/Off, Electronic Fail-Safe, 24 V, Quick Running
logo
Maxim Integrated Produc...
MAX20446EVKIT MAXIM-MAX20446EVKIT Datasheet
112Kb / 2P
Demonstrates Fail-Safe Operation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com