Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR23P Datasheet(PDF) 3 Page - ABB

Part # BSR23P
Description  Sentry BSR23P Safety relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BSR23P Datasheet(HTML) 3 Page - ABB

  BSR23P Datasheet HTML 1Page - ABB BSR23P Datasheet HTML 2Page - ABB BSR23P Datasheet HTML 3Page - ABB BSR23P Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CQC2017010303977544
CQC Certificate
2TLC010006D0201
cUL Certificate
2020980303000244
Declaration of
Conformity - CCC
2TLC010010D0201
Declaration of
Conformity - CE
2TLC010190D0201
Declaration of
Conformity - UKCA
2TLC010008D0201
TÜV Certificate
Container Information
box 1 piece
Package Level 1 Units
125 mm
Package Level 1 Width
31 mm
Package Level 1 Depth /
Length
129 mm
Package Level 1 Height
0.256 kg
Package Level 1 Gross
Weight
7350024486247
Package Level 1 EAN
36 piece
Package Level 2 Units
280 mm
Package Level 2 Width
395 mm
Package Level 2 Depth /
Length
210 mm
Package Level 2 Height
9.5 kg
Package Level 2 Gross
Weight
Classifications
K
Object Classification
Code
EC001449 - Device for monitoring of safety-related circuits
ETIM 7
EC001449 - Device for monitoring of safety-related circuits
ETIM 8
EC001449 - Device for monitoring of safety-related circuits
ETIM 9
V11.0 : 27371819
eClass
39122331
UNSPSC
2712896
E-Number (Finland)
3861401
E-Number (Sweden)
Low Voltage Products and Systems → Control Products → Electronic Relays and Controls → Safety Relays → Expansion Relays
Low Voltage Products and Systems → Control Products → Safety Products → Safety Relays → Expansion Relays
Categories
Accessories
Identifier
Description
Type Quantity
Unit Of
Measure
2TLA010099R0000
Sentry S30A Terminal block Sentry S30A
1
piece
2TLA010099R0100
Sentry S30B Coding kit Sentry S30B
1
piece
2TLA010099R0001
Sentry S30C Terminal block Sentry S30C
1
piece
3
Sentry BSR23P
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com