Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSR23P Datasheet(PDF) 1 Page - ABB

Part # BSR23P
Description  Sentry BSR23P Safety relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BSR23P Datasheet(HTML) 1 Page - ABB

  BSR23P Datasheet HTML 1Page - ABB BSR23P Datasheet HTML 2Page - ABB BSR23P Datasheet HTML 3Page - ABB BSR23P Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Sentry BSR23P Safety relay
Sentry BSR23P
Extended Product Type
Sentry BSR23P
Product ID
2TLA010041R0601
EAN
7350024486247
Catalog Description
Sentry BSR23P Safety relay
Long Description
Sentry BSR23P Safety expansion relay with relay outputs 4NO+1NC, +24 VDC supply
voltage and push-in spring terminals.
Used as expansion relay for a safety relay/safety PLC, in order to increase the number
of safe outputs.
Sentry safety relays cover various types of safety applications up to PLe / SIL3. 
Basic models provide reliable supervision of simpler safety functions, while universal
models provide advanced features and high flexibility.
Models with display offer preset configurations and extensive information to further
simplify troubleshooting.
Additional variants offer a high accuracy timer function of ± 1% and an adjustable time
setting range from 0-999 s. 
High output current capacity of up to 6 A can save the use of an intermediary
contactor. Multi-reset allows up to 10 safety relays connected to one reset light-
button. 
All models are available with detachable push-in or screw terminals. Terminals and
coding kit to mark removed terminals are available as accessories.
General Information
PRODUCT-DETAILS
Ordering
7350024486247
EAN
1 piece
Minimum Order Quantity
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/12


Similar Part No. - BSR23P

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
BSR23R11A CIT-BSR23R11A Datasheet
328Kb / 4P
CIT SWITCH
BSR23R11B CIT-BSR23R11B Datasheet
328Kb / 4P
CIT SWITCH
BSR23R11C CIT-BSR23R11C Datasheet
328Kb / 4P
CIT SWITCH
BSR23R12A CIT-BSR23R12A Datasheet
328Kb / 4P
CIT SWITCH
BSR23R12B CIT-BSR23R12B Datasheet
328Kb / 4P
CIT SWITCH
More results

Similar Description - BSR23P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
Safety relay
logo
Tyco Electronics
SR6 MACOM-SR6_09 Datasheet
338Kb / 4P
Safety Relay SR6
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
Safety Relay SR2M
logo
Omron Electronics LLC
G9SB3012A OMRON-G9SB3012A Datasheet
1Mb / 8P
Safety Relay Unit
logo
Hongfa Technology
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
62Kb / 3P
SAFETY RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com