Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M491B1
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M491B1 Datasheet HTML 8Page - STMicroelectronics M491B1 Datasheet HTML 9Page - STMicroelectronics M491B1 Datasheet HTML 10Page - STMicroelectronics M491B1 Datasheet HTML 11Page - STMicroelectronics M491B1 Datasheet HTML 12Page - STMicroelectronics M491B1 Datasheet HTML 13Page - STMicroelectronics M491B1 Datasheet HTML 14Page - STMicroelectronics M491B1 Datasheet HTML 15Page - STMicroelectronics M491B1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
max. 13.2V
The relation between pins and bands are as follows :
Pin 37 = UHF
Pin 38 = CATV
Pin 39 = VHF III
Pin 40 = VHF I
Figure 16
26
V
DD
Output Push-pull
V
DD
Pins 12, 13, 17
18, 19, 20, 25, 31
Inputs with Pull-up Load
Pins 37, 38, 39, 40, 21, 22, 23, 24
(21, 22, 23, 24 are used only for testing purposes)
Inputs/Outputs (std)
Pins 3, 4, 5, 6, 14, 15, 16, 30, 33, 34, 35, 36
Output Open Drain
8
7
VDD
Oscillator
V
DD
11
IR Input
INPUT/OUTPUT CONFIGURATION
M491B
14/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com