Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M491B1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M491B1
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B1 Datasheet(HTML) 4 Page - STMicroelectronics

  M491B1 Datasheet HTML 1Page - STMicroelectronics M491B1 Datasheet HTML 2Page - STMicroelectronics M491B1 Datasheet HTML 3Page - STMicroelectronics M491B1 Datasheet HTML 4Page - STMicroelectronics M491B1 Datasheet HTML 5Page - STMicroelectronics M491B1 Datasheet HTML 6Page - STMicroelectronics M491B1 Datasheet HTML 7Page - STMicroelectronics M491B1 Datasheet HTML 8Page - STMicroelectronics M491B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DC ELECTRICAL CHARACTERISTICS (continued)
Pin
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
18–19–20
V3
V2
V1
VIL
1.5
V
VIH
3.5
V
IIL
VDD = 5.25 V, VIL = 0.8 V
–0.4
mA
R
Pull-up Resistor
30
k
Ω
21–22–23–24
X4
X3
X2
X1
VOL
VDD = 4.75 V, IOL = 1 mA
0.4
V
IO (off)
VO (off) = 5.5 V
25
µA
25–Mains On En-
able
VIL
0.8
V
VIH
2.4
V
IIL
VDD = 5.25 V
–0.4
mA
R
Pull-up Resistor
VIL = 0.8 V
30
k
Ω
26–Mains On/Off
VOL
VDD = 4.75 V, IOL = 100
µA
0.4
V
IO
VDD = 4.75 V, VO = 0.7 V
–1.6
mA
31–Z2
32–Z1
MPX for
Display Out
VOL
VDD = 4.75 V, IOL = 1 mA
0.4
V
IO (off)
VDD = 5.25 V, VO (off) = 13.2 V
50
µA
37–UHF
38–CATV
39–VHFIII
40–VHFI
VOL
VDD = 4.75 V, IOL = 1 mA
3
V
VOH
VDD = 4.75 V, IOH = – 150
µA
2.4
V
VIL
0.3
V
VIH
3
V
IO (off)
VDD = 5.25 V, VO (off) = 13.2 V
50
µA
27-28-29-30-33-
34-35 Display Out
VOL
VDD = 4.75 V, IOL = 20 mA
1.5
V
36-Display Out
VOL
VDD = 4.75 V, IOL = 30 mA
1.5
V
31-Memory 8/16
VIH
2.0
V
VIL
0.8
V
Keyboard
In
}
Keyboard
Out
}
B
A
N
D
}
DESCRIPTION (All timings at fclock = 500kHz)
PIN 1 : VSS
The substrate of the IC is connected to this pin. This
is the reference pin for all parameters of the IC.
PIN 2 : MEMORY SUPPLY VOLTAGE
A supply voltage of 25
± 1 V has to be applied to
this pin during the modify and read cycles.
MODIFY CYCLE
A modify cycle consists of three steps :
1. All ”1”s are written in the bits of the selected word.
2. All bits of the selected word are erased (all ”0”s)
3. The new content is written.
Thus a constant aging of all the bits of the word is
obtained.
During both write and erase cycles the memory
status is checked continuously ; therefore after
each write or erase pulsea read operationis carried
out. The write or the erase operations are stopped
as soon as the result of the read operation is valid.
WRITE CYCLE. The peak of the current flowing
through pin 2 during a write operation is shown in
fig. 1, while fig. 2 shows the envelope of the same
current.
The typical write time is 3-4 ms for the first cycles
and increases to about 30 ms after 1000 cycles.
M491B
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com