Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP8056TS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CP8056TS
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056TS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CP8056TS Datasheet HTML 5Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 6Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 7Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 8Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 9Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 10Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 11Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 12Page - List of Unclassifed Manufacturers CP8056TS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
CHENGPIN
CP8056
P.9/
CP8056
2.1.4 STATUS (Status Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
03h (r/w)
STATUS
GP2
GP1
GP0
TO
PD
Z
DC
C
This register contains the arithmetic status of the ALU, the RESET status.
If the STATUS Register is the destination for an instruction that affects the Z, DC or C bits, then the write to these
three bits is disabled. These bits are set or cleared according to the device logic. Furthermore, the TO and PD bits
are not writable. Therefore, the result of an instruction with the STATUS Register as destination may be different
than intended. For example, CLRR STATUS will clear the upper three bits and set the Z bit. This leaves the
STATUS Register as 000u u1uu (where u = unchanged).
C : Carry/borrow bit.
ADDAR, ADDIA
= 1, a carry occurred.
= 0, a carry did not occur.
SUBAR, SUBIA
= 1, a borrow did not occur.
= 0, a borrow occurred.
Note : A subtraction is executed by adding the two’s complement of the second operand. For rotate (RRR, RLR)
instructions, this bit is loaded with either the high or low order bit of the source register.
DC : Half carry/half borrow bit.
ADDAR, ADDIA
= 1, a carry from the 4th low order bit of the result occurred.
= 0, a carry from the 4th low order bit of the result did not occur.
SUBAR, SUBIA
= 1, a borrow from the 4th low order bit of the result did not occur.
= 0, a borrow from the 4th low order bit of the result occurred.
Z : Zero bit.
= 1, the result of a logic operation is zero.
= 0, the result of a logic operation is not zero.
PD
: Power down flag bit.
= 1, after power-up or by the CLRWDT instruction.
= 0, by the SLEEP instruction.
TO : Time overflow flag bit.
= 1, after power-up or by the CLRWDT or SLEEP instruction.
= 0, a watch-dog time overflow occurred.
GP2:GP0 : General purpose read/write bits.
2.1.5 FSR (Indirect Data Memory Address Pointer)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
04h (r/w)
FSR
*
*
Indirect data memory address pointer
Bit5:Bit0 : Select registers address in the indirect addressing mode. See 2.1.1 for detail description.
Bit7:Bit6 : Not used. Read as “1”s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com