Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP8056TS Datasheet (PDF) - List of Unclassifed Manufacturers

CP8056TS Datasheet PDF - List of Unclassifed Manufacturers
Part # CP8056TS
Download  CP8056TS Download
File Size   403.1 Kbytes
Page   46 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description EPROM/ROM-Based 8-Bit Microcontroller Series

CP8056TS Datasheet (PDF)

Go To PDF Page Download Datasheet
CP8056TS Datasheet PDF - List of Unclassifed Manufacturers

Part # CP8056TS
Download  CP8056TS Click to download

File Size   403.1 Kbytes
Page   46 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description EPROM/ROM-Based 8-Bit Microcontroller Series

CP8056TS Datasheet (HTML) - List of Unclassifed Manufacturers


CP8056TS Product details

[CHENGPIN]



GENERAL DESCRIPTION

The CP8056 series is a family of low-cost, high speed, high noise immunity, EPROM/ROM-based 8-bit CMOS microcontrollers. It employs a RISC architecture with only 42 instructions. All instructions are single cycle except for program branches which take two cycles. The easy to use and easy to remember instruction set reduces development time significantly.

The CP8056 series consists of Power-on Reset (POR), Brown-out Reset (BOR), Power-up Reset Timer (PWRT), Oscillator Start-up Timer(OST), Watchdog Timer, EPROM/ROM, SRAM, tri-state I/O port, I/O pull-high/open-drain/pull-down control, Power saving SLEEP mode, real time programmable clock/counter, Interrupt, Wake-up from SLEEP mode, and Code Protection for EPROM products. There are four oscillator configurations to choose from, including the power-saving LP (Low Power) oscillator and cost saving RC oscillator. The CP8056 address 1K×13 of program memory.

The CP8056 can directly or indirectly address its register files and data memory. All special function registers including the program counter are mapped in the data memory.



FEATURES

• Only 42 single word instructions

• All instructions are single cycle except for program branches which are two-cycle

• 13-bit wide instructions

• All ROM/EPROM area GOTO instruction

• All ROM/EPROM area subroutine CALL instruction

• 8-bit wide data path

• 5-level deep hardware stack

• Operating speed: DC-20 MHz clock input

                          DC-100 ns instruction cycle

• Direct, indirect addressing modes for data accessing

• 8-bit real time clock/counter (Timer0) with 8-bit programmable prescaler

• Internal Power-on Reset (POR)

• Built-in Low Voltage Detector (LVD) for Brown-out Reset (BOR)

• Power-up Reset Timer (PWRT) and Oscillator Start-up Timer(OST)

• On chip Watchdog Timer (WDT) with internal oscillator for reliable operation and soft-ware watch-dog enable/disable control

• Two I/O ports IOA and IOB with independent direction control

• Soft-ware I/O pull-high/pull-down or open-drain control

• One internal interrupt source: Timer0 overflow; Two external interrupt source: INT pin, Port B input change

• Wake-up from SLEEP by INT pin or Port B input change

• Power saving SLEEP mode

• Programmable Code Protection

• Selectable oscillator options:

   - RC: Resistor/Capacitor Oscillator

   - XT: Crystal/Resonator Oscillator

   - HF: High Frequency Crystal/Resonator Oscillator

   - LF: Low Frequency Crystal Oscillator

• Wide-operating voltage range:

   - EPROM : 2.3V to 5.5V

   - ROM : 2.3V to 5.5V



 




Similar Part No. - CP8056TS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP805-CXDM4060P CENTRAL-CP805-CXDM4060P Datasheet
358Kb / 3P
P-Channel MOSFET Die Enhancement-Mode
R1 17-February 2021
CP805-CXDM4060P-CT CENTRAL-CP805-CXDM4060P-CT Datasheet
959Kb / 6P
P-Channel MOSFET Die Enhancement-Mode
R1 28-March 2019
CP805-CXDM4060P-WN CENTRAL-CP805-CXDM4060P-WN Datasheet
959Kb / 6P
P-Channel MOSFET Die Enhancement-Mode
R1 28-March 2019
More results


Similar Description - CP8056TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
EPROM/ROM-Based 8-Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com