Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z58PC Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z58PC
Description  64 Kbit 8Kb x 8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z58PC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z58PC Datasheet HTML 3Page - STMicroelectronics M48Z58PC Datasheet HTML 4Page - STMicroelectronics M48Z58PC Datasheet HTML 5Page - STMicroelectronics M48Z58PC Datasheet HTML 6Page - STMicroelectronics M48Z58PC Datasheet HTML 7Page - STMicroelectronics M48Z58PC Datasheet HTML 8Page - STMicroelectronics M48Z58PC Datasheet HTML 9Page - STMicroelectronics M48Z58PC Datasheet HTML 10Page - STMicroelectronics M48Z58PC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Symbol
Parameter
M48Z58 / M48Z58Y
Unit
-70
Min
Max
tAVAV
Write Cycle Time
70
ns
tAVWL
Address Valid to Write Enable Low
0
ns
tAVEL
Address Valid to Chip Enable Low
0
ns
tWLWH
Write Enable Pulse Width
50
ns
tELEH
Chip Enable Low to Chip Enable High
55
ns
tWHAX
Write Enable High to Address Transition
0
ns
tEHAX
Chip Enable High to Address Transition
0
ns
tDVWH
Input Valid to Write Enable High
30
ns
tDVEH
Input Valid to Chip Enable High
30
ns
tWHDX
Write Enable High to Input Transition
5
ns
tEHDX
Chip Enable High to Input Transition
5
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
25
ns
tAVWH
Address Valid to Write Enable High
60
ns
tAVEH
Address Valid to Chip Enable High
60
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
5
ns
Notes: 1. CL = 5pF (see Figure 4).
2. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Table 10. Write Mode AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
READ MODE
The M48Z58/58Y is in the Read Mode whenever
W (Write Enable) is high, E (Chip Enable) is low.
Thus, the unique address specified by the 13 Ad-
dress Inputs defines which one of the 8,192 bytes
of data is to be accessed. Valid data will be avail-
able at the Data I/O pins within Address Access
time (tAVQV) after the last address input signal is
stable, providing that the E and G access times are
also satisfied. If the E and G access times are not
met, valid data will be available after the latter of
the Chip Enable Access time (tELQV) or Output
Enable Access time (tGLQV).
The state of the eight three-state Data I/O signals
is controlled by E and G. If the outputs are activated
before tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain active,
output data will remain valid for Output Data Hold
time (tAXQX) but will go indeterminate until the next
Address Access.
WRITE MODE
The M48Z58/58Y is in the Write Mode whenever W
and E are low. The start of a write is referenced
from the latter occurring falling edge of W or E. A
write is terminated by the earlier rising edge of W
or E. The addresses must be held valid throughout
the cycle. E or W must return high for a minimum
of tEHAX from Chip Enable or tWHAX from Write
Enable prior to the initiation of another read or write
cycle. Data-in must be valid tDVWH prior to the end
of write and remain valid for tWHDX afterward. G
should be kept high during write cycles to avoid bus
contention; although, if the output bus has been
activated by a low on E and G, a low on W will
disable the outputs tWLQZ after W falls.
7/17
M48Z58, M48Z58Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com