Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z58PC Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48Z58PC
Description  64 Kbit 8Kb x 8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z58PC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48Z58PC Datasheet HTML 6Page - STMicroelectronics M48Z58PC Datasheet HTML 7Page - STMicroelectronics M48Z58PC Datasheet HTML 8Page - STMicroelectronics M48Z58PC Datasheet HTML 9Page - STMicroelectronics M48Z58PC Datasheet HTML 10Page - STMicroelectronics M48Z58PC Datasheet HTML 11Page - STMicroelectronics M48Z58PC Datasheet HTML 12Page - STMicroelectronics M48Z58PC Datasheet HTML 13Page - STMicroelectronics M48Z58PC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ORDERING INFORMATION SCHEME
Supply Voltage and Write
Protect Voltage
58
(1) VCC = 4.75V to 5.5V
VPFD = 4.5V to 4.75V
58Y
VCC = 4.5V to 5.5V
VPFD = 4.2V to 4.5V
Speed
-70
70ns
Package
PC
PCDIP28
MH
(2,3)SOH28
Temp. Range
1
0 to 70
°C
6
(4)
–40 to 85
°C
Shipping Method
for SOIC
blank Tubes
TR
Tape & Reel
Example:
M48Z58Y
-70
MH
1
TR
Notes: 1. The M48Z58 part is offered with the PCDIP28 (i.e. CAPHAT) package only.
2. The SOIC package (SOH28) requires the battery package (SNAPHAT) which is ordered separately under the part number
"M4Z28-BR00SH1" in plastic tube or "M4Z28-BR00SH1TR" in Tape & Reel form.
3. Delivery may include either the 2-pin version of the SOIC/SNAPHAT or the 4-pin version of the SOIC/SNAPHAT. Both are
functionally equivalent (see package drawing section for details).
4. Industrial temperature grade available in SOIC package (SOH28) only.
Caution: Do not place the SNAPHAT battery package "M4Z28-BR00SH1" in conductive foam since this will drain the lithium button-cell
battery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
10/17
M48Z58, M48Z58Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com