Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M50FW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M50FW040 Datasheet HTML 16Page - STMicroelectronics M50FW040 Datasheet HTML 17Page - STMicroelectronics M50FW040 Datasheet HTML 18Page - STMicroelectronics M50FW040 Datasheet HTML 19Page - STMicroelectronics M50FW040 Datasheet HTML 20Page - STMicroelectronics M50FW040 Datasheet HTML 21Page - STMicroelectronics M50FW040 Datasheet HTML 22Page - STMicroelectronics M50FW040 Datasheet HTML 23Page - STMicroelectronics M50FW040 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
M50FW040
20/41
Table 9. Firmware Hub Register Configuration Map
Table 10. Lock Register Bit Definitions
Note: 1. Applies to Top Block Lock Register (T_BLOCK_LK) and Top Block [-1] Lock Register (T_MINUS01_LK) to Top Block [-7] Lock Reg-
ister (T_MINUS07_LK).
Table 11. General Purpose Inputs Register Definition
Note: 1. Applies to the General Purpose Inputs Register (FGPI-REG).
Mnemonic
Register Name
Memory
Address
Default
Value
Access
T_BLOCK_LK
Top Block Lock Register (Block 7)
FBF0002h
01h
R/W
T_MINUS01_LK
Top Block [-1] Lock Register (Block 6)
FBE0002h
01h
R/W
T_MINUS02_LK
Top Block [-2] Lock Register (Block 5)
FBD0002h
01h
R/W
T_MINUS03_LK
Top Block [-3] Lock Register (Block 4)
FBC0002h
01h
R/W
T_MINUS04_LK
Top Block [-4] Lock Register (Block 3)
FBB0002h
01h
R/W
T_MINUS05_LK
Top Block [-5] Lock Register (Block 2)
FBA0002h
01h
R/W
T_MINUS06_LK
Top Block [-6] Lock Register (Block 1)
FB90002h
01h
R/W
T_MINUS07_LK
Top Block [-7] Lock Register (Block 0)
FB80002h
01h
R/W
FGPI_REG
Firmware Hub (FWH) General Purpose Input Register
FBC0100h
N/A
R
MANUF_REG
Manufacturer Code Register
FBC0000h
20h
R
DEV_REG
Device Code Register
FBC0001h
2Ch
R
Bit
Bit Name Value
Function
7-3
Reserved
2
Read-Lock
‘1’
Bus Read operations in this Block always return 00h.
‘0’
Bus read operations in this Block return the Memory Array contents. (Default value).
1
Lock-Down
‘1’
Changes to the Read-Lock bit and the Write-Lock bit cannot be performed. Once a ‘1’ is
written to the Lock-Down bit it cannot be cleared to ‘0’; the bit is always reset to ‘0’ following
a Reset (using RP or INIT) or after power-up.
‘0’
Read-Lock and Write-Lock can be changed by writing new values to them. (Default value).
0
Write-Lock
‘1’
Program and Erase operations in this Block will set an error in the Status Register. The
memory contents will not be changed. (Default value).
‘0’
Program and Erase operations in this Block are executed and will modify the Block contents.
Bit
Bit Name
Value
Function
7-5
Reserved
4
FGPI4
‘1’
Input Pin FGPI4 is at VIH
‘0’
Input Pin FGPI4 is at VIL
3
FGPI3
‘1’
Input Pin FGPI3 is at VIH
‘0’
Input Pin FGPI3 is at VIL
2
FGPI2
‘1’
Input Pin FGPI2 is at VIH
‘0’
Input Pin FGPI2 is at VIL
1
FGPI1
‘1’
Input Pin FGPI1 is at VIH
‘0’
Input Pin FGPI1 is at VIL
0
FGPI0
‘1’
Input Pin FGPI0 is at VIH
‘0’
Input Pin FGPI0 is at VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com