Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PISOS510DFGTSP Datasheet(PDF) 13 Page - Texas Instruments

Part # PISOS510DFGTSP
Description  ISOS510-SP Radiation Hardened, Current-Driven Analog Isolator With Transistor Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOS510DFGTSP Datasheet(HTML) 13 Page - Texas Instruments

Back Button PISOS510DFGTSP Datasheet HTML 9Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 10Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 11Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 12Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 13Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 14Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 15Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 16Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
8.1.1.2.1 Sizing RPULLUP
The transistor output of ISOS510-SP operates in active, saturation, reverse, and cut-off regions, just like a
regular transistor. To verify that the output does not get damaged when the output is saturated, the minimum
value of RPULLUP can be calculated for a given pull-up voltage, VPULLUP, in Equation 1:
RPULLUP> VPULLUP− VCESAT
ICMAX
(1)
For the example of a feedback loop application, we can calculate the minimum required value for RPULLUP for a
given VPULLUP of 10V, the maximum output voltage of the error amplifier (VCOMP(MAX) of 2.5V, and the maximum
output current of the error amplifier is internally clamped at 1.6mA. The equation to calculate RPULLUP is shown
in Equation 2:
RPULLUP> VPULLUP− VCOMPMAX
ICOMPCLAMP = 10V − 2.5V
1.6mA = 4.66kΩ
(2)
8.1.1.2.2 Sizing RIN
The input side of ISOS510-SP is current-driven. To limit the amount of current flowing into the AN pin, placing a
series resistor, RIN, in series with the input as shown in Figure 8-1 is recommended.
Depending on how the ISOS510-SP device is being used, the value of RIN can vary quite a bit. However, at a
high level, to make sure the input does not get damaged, the minimum value of RIN can be calculated for a given
input voltage, VIN, in Equation 3:
RIN> VIN− VF
ICMAX
(3)
However, in the use case of a feedback loop, RIN directly affects the mid-band gain of the loop. Assuming that
the TL1431SP has been configured to give a reference voltage, VREF, of 2.5V and RPULLUP is 5kΩ, Equation 4 is
used to calculate the maximum value of RIN verifying that the VCOMP voltage on the primary side can be pulled to
the saturation voltage of the ISOS510-SP, VCE(SAT).
RIN< VOUT− VREF−VF × RPULLUP ×CTRMIN
VPULLUP − VCESAT  = 5V− 2.5V−1.2V × 5kΩ ×100%
10V − 0.3V  = 670Ω
(4)
8.1.1.3 Application Curves
The following curves shows ISOS510-SP bandwidth performance over different loading conditions where VIN =
5VDC + 2VPK. See Figure 6-4 for setup details.
www.ti.com
ISOS510-SP
SLVSJM3 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOS510-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com