Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS/H-CP-EXT Datasheet(PDF) 15 Page - ABB

Part # ACS/H-CP-EXT
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS/H-CP-EXT Datasheet(HTML) 15 Page - ABB

Back Button ACS/H-CP-EXT Datasheet HTML 11Page - ABB ACS/H-CP-EXT Datasheet HTML 12Page - ABB ACS/H-CP-EXT Datasheet HTML 13Page - ABB ACS/H-CP-EXT Datasheet HTML 14Page - ABB ACS/H-CP-EXT Datasheet HTML 15Page - ABB ACS/H-CP-EXT Datasheet HTML 16Page - ABB ACS/H-CP-EXT Datasheet HTML 17Page - ABB ACS/H-CP-EXT Datasheet HTML 18Page - ABB ACS/H-CP-EXT Datasheet HTML 19Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Catalog | ABB general purpose drives ACS310 15
Auxiliary motors start and stop delay
Delay stabilizes the contactors before starting or stopping a
motor.
Parameter 8115 AUX MOT START D is left to its default
value 5 s. Parameter 8116 AUX MOT STOP D is left to it’s
default value 20 s.
Number of auxiliary motors and motors in total
Parameter 8117 NR OF AUX MOT is set to 2. Parameter
8127 MOTORS is set to 3.
Autochange functionality for SPFC
The Autochange functionality for SPFC equalizes duty time
between multiple motors, when auxiliary motors are not
running. The time interval between motor changes is
managed with parameter 8118.
Interlocks
Interlock detects if any of the pumps are unavailable and
starts the next available pump, when used. Set parameter
8120 INTERLOCKS to take input from DI3 in this example
(depends of the number of interlocks and how thay are
connected).
Default I/O settings
1. Hand: 0…10 V -> 0…50 Hz.
PID/PFC: 0…10 V ->
0…100% PID setpoint.
2. 360 degree grounding under
a clamp.
3. The signal source must be
powered externally. See the
manufacturer’s instructions.
Start delay for speed controlled motor
Parameter 8122 PFC START DELAY is left to its default
value 0,5 s.
Enabling pump and fan control
Parameter 8123 PFC ENABLE is set to 3 (SPFC +
AUTOCHANGE)
Relay configuration
Relay configuration depends how many and how the
motors are connected.
Note! The macro SPFC already sets Transistor output
parameter 1805 DO SIGNAL to PFC as an additional
relay output which is connected.
Parameter 1401 RELAY OUTPUT 1 is set to PFC
Parameter 1402 RELAY OUTPUT 2 is set to PFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com