Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS/H-CP-EXT Datasheet(PDF) 6 Page - ABB

Part # ACS/H-CP-EXT
Description  ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS/H-CP-EXT Datasheet(HTML) 6 Page - ABB

Back Button ACS/H-CP-EXT Datasheet HTML 2Page - ABB ACS/H-CP-EXT Datasheet HTML 3Page - ABB ACS/H-CP-EXT Datasheet HTML 4Page - ABB ACS/H-CP-EXT Datasheet HTML 5Page - ABB ACS/H-CP-EXT Datasheet HTML 6Page - ABB ACS/H-CP-EXT Datasheet HTML 7Page - ABB ACS/H-CP-EXT Datasheet HTML 8Page - ABB ACS/H-CP-EXT Datasheet HTML 9Page - ABB ACS/H-CP-EXT Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6 ABB general purpose drives ACS310 | Catalog
Typical applications
The ACS310 drive is specifically designed to meet the variable
torque loads demanded by centrifugal fans and pumps. The
result is maximum application uptime, reduced maintenance
cost and higher energy savings.
Irrigation systems, whether agricultural, horticultural or those
used on golf courses, have a common demand for a reliable
and efficient flow of water.
The built-in real-time clock provides true time and date stamps
that control the start and stop times of watering based on the
daily demand profile. Soft pipe filling provides a pump with
soft-start, enabling a smooth build-up of flow in pipes while
increasing the life time of the pipe work and pumping system.
A booster pump system is designed to boost supplied water
pressure to a predetermined level in water and wastewater
plants. The ACS310 drive features pump and fan control (PFC)
for use where several parallel pumps are operated together and
the required flow rate is variable.
PID control is available to allow the process to accurately
maintain a pressure setpoint by adjusting the control outputs,
thus allowing for precise control within difficult processes.
A sleep & boost function detects slow rotation and runs the
pump to boost pressure prior to shutdown. The pressure
is continuously monitored and pumping restarts when the
pressure falls below the minimum level.
Level control is used to adjust the filling or emptying of storage
tanks. Storage tanks may be located within processes such as
pulp and paper for supplying process fluids like wastewater.
The drive has signal supervision for level control and a pipe
cleaning feature, thereby preventing solids from building up on
pumps impellers or the tank walls.
Storage tanks are often mounted in narrow locations, with
limited space for components like AC drives. The compact size
and various mounting methods of the ACS310 drives enables
easy installation and space savings in new installations and
retrofits.
Wood drying kilns have a high demand for powerful and
efficient ventilation to dry out the wood. In wood kilns
centrifugal fans and AC drives are used to control the air flow
demand. To increase the kilns´ capacity, multiple fans may be
controlled via one drive by using the pump and fan control
(PFC) feature. At the start of the drying process, the relative
humidity is high thus there is a demand for higher air flow
rates. As the wood dries out the auxiliary fans may shut-down,
thereby saving energy and reducing maintenance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com