Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03080 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03080
Description  Combination Spanner Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03080 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03080 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
21/07/17
Combination Spanner Set
Features
• Combination spanners that are ideal for most tradesman, and mechanics
• Off set with equal sizes at both ends
• Manufactured from polished chrome vanadium steel
• Supplied on a plastic display, storage rack
Kit Contents: 6, 7, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 20, 21, 22, 24mm and Case
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
Combination Spanner Set, 18 Piece, 6-24mm
D03080


Similar Part No. - D03080

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03081 DURATOOL-D03081 Datasheet
239Kb / 1P
Combination Spanner Set
21/07/17 V1.0
D03082 DURATOOL-D03082 Datasheet
127Kb / 1P
Combination Spanner Set
21/07/17 V1.0
D03083 DURATOOL-D03083 Datasheet
177Kb / 1P
Metric and Imperial Spanner Set
21/07/17 V1.0
D03089 DURATOOL-D03089 Datasheet
150Kb / 1P
Water Pump Plier 12” (300mm)
21/07/17 V1.0
More results

Similar Description - D03080

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
227-1490 AMPHENOL-227-1490 Datasheet
45Kb / 1P
HD-BNC SPANNER WRENCH
logo
PHOENIX CONTACT
RC-Z2096 PHOENIX-RC-Z2096 Datasheet
50Kb / 1P
Pipe spanner
RC-Z2099 PHOENIX-RC-Z2099 Datasheet
50Kb / 1P
Pipe spanner
1208856 PHOENIX-1208856 Datasheet
54Kb / 3P
Tool set - TOOL DATA SET
1212538 PHOENIX-1212538 Datasheet
47Kb / 2P
Tool set - SF-TXH SET
1212543 PHOENIX-1212543 Datasheet
53Kb / 2P
Tool set - SF-M SET
1212544 PHOENIX-1212544 Datasheet
48Kb / 3P
Tool set - SF-LHEX SET
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
1604249 PHOENIX-1604249 Datasheet
50Kb / 1P
Pipe spanner - RC-Z2096
1604255 PHOENIX-1604255 Datasheet
54Kb / 2P
Pipe spanner - RC-Z2099
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com