Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5482B7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M5482B7
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5482B7 Datasheet(HTML) 3 Page - STMicroelectronics

  M5482B7 Datasheet HTML 1Page - STMicroelectronics M5482B7 Datasheet HTML 2Page - STMicroelectronics M5482B7 Datasheet HTML 3Page - STMicroelectronics M5482B7 Datasheet HTML 4Page - STMicroelectronics M5482B7 Datasheet HTML 5Page - STMicroelectronics M5482B7 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STATIC ELECTRICAL CHARACTERISTICS
(Tamb within operating range, VDD = 4.75V to 13.2V, VSS = 0V,unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.75
13.2
V
IDD
Supply Current
VDD = 13.2 V
7
mA
VI
Input Voltages
Logical "0" Level
Logical "1" Level
± 10 µA Input Bias
4.75
≤ VDD ≤ 5.25
VDD > 5.25
– 0.3
2.2
VDD – 2
0.8
VDD
VDD
V
V
V
IB
Brightness Input Current (note 2)
0
0.75
mA
VB
Brightness Input Voltage (pin 9)
Input Current = 750
µA
Tamb = 25
oC
3
4.3
V
VO(off)
Off State Output Voltage
13.2
V
IO
Output Sink Current (note 3)
Segment OFF
Segment ON
VO = 3 V
VO = 1 V (note 4)
Brightness In. = 0
µA
Brightness In. = 100
µA
Brightness In. = 750
µA
0
2
12
2.7
15
10
10
4
25
µA
µA
mA
mA
fclock
Input Clock Frequency
0
0.5
MHz
IO
Output Matching (note 1)
± 20
%
Notes : 1. Output matching is calculated as the percent variation from IMAX + IMIN/2.
2. With a fixed resistor on the brightness input some variation in brightness will occur from one device to another.
3. Absolute maximum for each output should be limited to 40 mA.
4. The VO voltage should be regulated by the user.
FUNCTIONAL DESCRIPTION
The M5482 uses the M5451 die which is packaged
to operate 2-digit alphanumeric displays with mini-
mal interface with the display and the data source.
Serial data transfer from the data source to the
display driver is accomplished with 2 signals, serial
data and clock. Using a format of a leading "1"
followed by the 35 data bits allows data transfer
without an additional load signal.
The 35 data bits are latched after the 36th bit is
complete, thus providing non-multiplexed, direct
drive to the display. Outputs change only if the
serial data bits differ from the previous time. Display
brightness is determined by control of the output
current for LED displays. A 1nF capacitor should be
connected to brightness control, Pin 9, to prevent
possible oscillations.
A block diagram is shown in Figure 1. The output
current is typically 20 times greater than the current
into Pin 9, which is set by an external variable
resistor.
There is an internal limiting resistor of 400
Ω nomi-
nal value.
Figure 2 shows the input data format. A start bit of
logical "1" precedes the 35 bits of data. At the 36th
clock a LOAD signal is generated synchronously
with the high state of the clock, which loads the 35
bits of the shift registers into the latches.
36
BIT 34
BIT 35
CLOCK
DATA
LOAD
(INTERNAL)
RESET
(INTERNAL)
START
BIT 1
1
Figure 2 : Input Data Format
M5482
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com