Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5482B7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M5482B7
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5482B7 Datasheet(HTML) 4 Page - STMicroelectronics

  M5482B7 Datasheet HTML 1Page - STMicroelectronics M5482B7 Datasheet HTML 2Page - STMicroelectronics M5482B7 Datasheet HTML 3Page - STMicroelectronics M5482B7 Datasheet HTML 4Page - STMicroelectronics M5482B7 Datasheet HTML 5Page - STMicroelectronics M5482B7 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CLOCK
DATA
300ns (min.)
Figure 3
At the low state of the clock a RESET signal is
generated which clears all the shift registers for the
next set of data. The shift registers are static master
slave configurations. There is no clear for the mas-
ter portion of the first shift register, thus allowing
continuous operation.
There must be a complete set of 36 clocks or the
shift registers will not clear.
When power is first applied to the chip an internal
power ON reset signal is generated which resets
all registers and all latches. The START bit and the
first clock return the chip to its normal operation.
Figure 3 shows the timing relationships between
Data and Clock.
A maximum clock frequency of 0.5 MHz is as-
sumed.
Figure 4 shows the Output Data Format for the
M5482. Because it uses only 15 of the possible 35
outputs, 20 of the bits are "Don’t Cares".
For applications where a lesser number of outputs
are used it is possible to either increase the current
Figure 4 : Serial Data Bus / Outputs Correspondance
5451
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
START
5482
15
XXXX
14
13
XXX
X
12
11
10
9
XX
X
START
5451
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
START
5482
X
8765
X
X
X
X
4
3
2
1
X
X
X
X
START
per output or operate the part at higher than 1V
VOUT.
The following equation can be used for calcula-
tions.
Tj
≡ [(VOUT)(ILED)(no.of segments) + VDD . 7 mA]
(80
°C/W) + Tamb
where :
Tj = junction temperature (150
°C max)
VOUT = the voltage at the LED driver outputs
ILED = the LED current
80
°C/W = thermal coefficient of the package
Tamb = ambient temperature
15 SEGMENTS
M5482
DISPLAY DRIVER
PROCESSOR
KEYBOARD
PLL
SYNTHESIZER
LED DISPLAY
TYPICAL APPLICATION
BASIC electronically tuned TV system.
M5482
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com