Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0213 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0213
Description  QFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0213 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0213 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0213 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
A2
1.80
B
0.65
C
0.25
B2
0.40
C2
0.90
D
0.25
D2
0.40
E
0.50
E2
0.80
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
A
B
C
D
E
B2
C2
D2
A2
E2
IIP
PC
C0
02
21
13
3


Similar Part No. - IPC0213

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0210 PROTOADVANTAGE-IPC0210 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0211 PROTOADVANTAGE-IPC0211 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0212 PROTOADVANTAGE-IPC0212 Datasheet
107Kb / 2P
QFN-54 to DIP-58 SMT Adapter (0.5 mm pitch, 10 x 5.5 mm body)
revision 1.0
IPC0214 PROTOADVANTAGE-IPC0214 Datasheet
108Kb / 2P
MLP-12/DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body, 4 center pads 2.1x1mm & 1.65x1mm)
revision 1.0
IPC0215 PROTOADVANTAGE-IPC0215 Datasheet
107Kb / 2P
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 4.5 x 2.5 mm body)
revision 1.0
More results

Similar Description - IPC0213

ManufacturerPart #DatasheetDescription
logo
GREATECS
RD1 GREATECS-RD1 Datasheet
314Kb / 1P
10 x 10 mm Rotary DIP Switches with 3:3 Pinout
RD82T GREATECS-RD82T Datasheet
376Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
RD83T GREATECS-RD83T Datasheet
394Kb / 2P
10 x 10 mm Sealed Rotary DIP Switches (THR)
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
logo
Texas Instruments
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
ILSI America LLC
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
logo
Texas Instruments
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
TLV62585 TI1-TLV62585_18 Datasheet
1Mb / 25P
3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com