Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0218 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0218
Description  QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0218 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0218 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0218 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-20 to DIP-24 SMT Adapter (0.5 mm pitch, 3.5 x 3.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.70
A2
2.70
B
0.60
C
0.23
B2
2.05
C2
2.05
D
0.27
D2
0.325
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2017 Proto Advantage™
A
B
C
D
E
B2
C2
D2
A2
IIP
PC
C0
02
21
18
8


Similar Part No. - IPC0218

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0210 PROTOADVANTAGE-IPC0210 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0211 PROTOADVANTAGE-IPC0211 Datasheet
107Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body)
revision 1.0
IPC0212 PROTOADVANTAGE-IPC0212 Datasheet
107Kb / 2P
QFN-54 to DIP-58 SMT Adapter (0.5 mm pitch, 10 x 5.5 mm body)
revision 1.0
IPC0213 PROTOADVANTAGE-IPC0213 Datasheet
107Kb / 2P
QFN-10 to DIP-14 SMT Adapter (0.5 mm pitch, 3 x 2 mm body)
revision 1.0
IPC0214 PROTOADVANTAGE-IPC0214 Datasheet
108Kb / 2P
MLP-12/DFN-12 to DIP-16 SMT Adapter (0.8 mm pitch, 5 x 4.5 mm body, 4 center pads 2.1x1mm & 1.65x1mm)
revision 1.0
More results

Similar Description - IPC0218

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSTRGBFC6 OPTEK-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
6 x 3.5 mm Tactile Switches
logo
Tensility International...
50-00202 TENSILITY-50-00202 Datasheet
309Kb / 2P
Connector, 4C 3.5 mm jack to 4C 2.5 mm plug adapter
logo
TT Electronics.
OVSTRGBFC6 TTELEC-OVSTRGBFC6 Datasheet
1Mb / 9P
Full Color SMT Chip LED (3.5 x 3.0 x 1.4 mm)
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
logo
SunLED Corporation
XZFBBM2ACRDG92W-3 SUNLED-XZFBBM2ACRDG92W-3 Datasheet
285Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Feb 04,2021
XZM2CRKCYKFBB92W-3 SUNLED-XZM2CRKCYKFBB92W-3 Datasheet
295Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Dec 15,2021
XZFBBM2ACRTHI92W-3 SUNLED-XZFBBM2ACRTHI92W-3 Datasheet
339Kb / 4P
3.5 x 3.5 mm Surface Mount SMD Chip LED
Aug 29,2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com