Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 62Page - STMicroelectronics ST72361 Datasheet HTML 63Page - STMicroelectronics ST72361 Datasheet HTML 64Page - STMicroelectronics ST72361 Datasheet HTML 65Page - STMicroelectronics ST72361 Datasheet HTML 66Page - STMicroelectronics ST72361 Datasheet HTML 67Page - STMicroelectronics ST72361 Datasheet HTML 68Page - STMicroelectronics ST72361 Datasheet HTML 69Page - STMicroelectronics ST72361 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 224 page
background image
ST72361
66/224
PWM AUTO-RELOAD TIMER (Cont’d)
Figure 46. input Capture Timing Diagram, fCOUNTER = fCPU / 4
External Interrupt Capability
This mode allows the Input capture capabilities to
be used as external interrupt sources. The inter-
rupts are generated on the edge of the ARTICx
signal.
The edge sensitivity of the external interrupts is
programmable (CSx bit of ARTICCSR register)
and they are independently enabled through CIEx
bits of the ARTICCSR register. After fetching the
interrupt vector, the CFx flags can be read to iden-
tify the interrupt source.
During HALT mode, the external interrupts can be
used to wake up the micro (if the CIEx bit is set). In
this case, the interrupt synchronization is done di-
rectly on the ARTICx pin edge (Figure 47).
Figure 47. ART External Interrupt in Halt Mode
04h
COUNTER
t
fCOUNTER
xxh
03h
04h
ARTICx PIN
CFx FLAG
ICRx REGISTER
INTERRUPT
fCPU
ICAP SAMPLED
05h
04h
COUNTER
t
fCOUNTER
xxh
03h
05h
ARTICx PIN
CFx FLAG
ICRx REGISTER
INTERRUPT
fCPU
ICAP SAMPLED
05h
ARTICx PIN
CFx FLAG
t
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com