Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 45Page - STMicroelectronics ST72361 Datasheet HTML 46Page - STMicroelectronics ST72361 Datasheet HTML 47Page - STMicroelectronics ST72361 Datasheet HTML 48Page - STMicroelectronics ST72361 Datasheet HTML 49Page - STMicroelectronics ST72361 Datasheet HTML 50Page - STMicroelectronics ST72361 Datasheet HTML 51Page - STMicroelectronics ST72361 Datasheet HTML 52Page - STMicroelectronics ST72361 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 224 page
background image
ST72361
49/224
I/O PORTS (Cont’d)
9.6 I/O PORT REGISTER CONFIGURATIONS
The I/O port register configurations are summa-
rized as follows.
9.6.1 Standard Ports
PB7:6, PC0, PC3, PC7:5, PD3:2, PD5, PE7:0,
PF7:0
9.6.2 Interrupt Ports
PA0,2,4,6; PB0,2,4; PC1; PD0,6
(with pull-up)
PA1,3,5,7; PB1,3,5; PC2; PD1,4,7
(without pull-up)
9.6.3 Pull-up Input Port
PC4
The PC4 port cannot operate as a general pur-
pose output. If DDR = 1 it is still possible to read
the port through the DR register.
MODE
DDR
OR
floating input
0
0
pull-up input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
pull-up interrupt input
0
1
open drain output
1
0
push-pull output
1
1
MODE
DDR
OR
floating input
0
0
floating interrupt input
0
1
open drain output
1
0
push-pull output
1
1
MODE
pull-up input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com