Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 116Page - STMicroelectronics ST72361 Datasheet HTML 117Page - STMicroelectronics ST72361 Datasheet HTML 118Page - STMicroelectronics ST72361 Datasheet HTML 119Page - STMicroelectronics ST72361 Datasheet HTML 120Page - STMicroelectronics ST72361 Datasheet HTML 121Page - STMicroelectronics ST72361 Datasheet HTML 122Page - STMicroelectronics ST72361 Datasheet HTML 123Page - STMicroelectronics ST72361 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 224 page
background image
ST72361
120/224
10.7 LINSCI SERIAL COMMUNICATION INTERFACE (LIN MASTER/SLAVE)
10.7.1 Introduction
The Serial Communications Interface (SCI) offers
a flexible means of full-duplex data exchange with
external equipment requiring an industry standard
NRZ asynchronous serial data format. The SCI of-
fers a very wide range of baud rates using two
baud rate generator systems.
The LIN-dedicated features support the LIN (Local
Interconnect Network) protocol for both master
and slave nodes.
This chapter is divided into SCI Mode and LIN
mode sections. For information on general SCI
communications, refer to the SCI mode section.
For LIN applications, refer to both the SCI mode
and LIN mode sections.
10.7.2 SCI Features
■ Full duplex, asynchronous communications
■ NRZ standard format (Mark/Space)
■ Independently
programmable
transmit
and
receive baud rates up to 500K baud
■ Programmable data word length (8 or 9 bits)
■ Receive buffer full, Transmit buffer empty and
End of Transmission flags
■ 2 receiver wake-up modes:
– Address bit (MSB)
– Idle line
■ Muting function for multiprocessor configurations
■ Separate
enable bits for Transmitter and
Receiver
■ Overrun, Noise and Frame error detection
■ 6 interrupt sources
– Transmit data register empty
– Transmission complete
– Receive data register full
– Idle line received
– Overrun error
– Parity interrupt
■ Parity control:
– Transmits parity bit
– Checks parity of received data byte
■ Reduced power consumption mode
10.7.3 LIN Features
– LIN Master
– 13-bit LIN Synch Break generation
– LIN Slave
– Automatic Header Handling
– Automatic baud rate resynchronization based
on recognition and measurement of the LIN
Synch Field (for LIN slave nodes)
– Automatic baud rate adjustment (at CPU fre-
quency precision)
– 11-bit LIN Synch Break detection capability
– LIN Parity check on the LIN Identifier Field
(only in reception)
– LIN Error management
– LIN Header Timeout
– Hot plugging support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com