Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST72361 Datasheet HTML 178Page - STMicroelectronics ST72361 Datasheet HTML 179Page - STMicroelectronics ST72361 Datasheet HTML 180Page - STMicroelectronics ST72361 Datasheet HTML 181Page - STMicroelectronics ST72361 Datasheet HTML 182Page - STMicroelectronics ST72361 Datasheet HTML 183Page - STMicroelectronics ST72361 Datasheet HTML 184Page - STMicroelectronics ST72361 Datasheet HTML 185Page - STMicroelectronics ST72361 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 224 page
background image
ST72361
182/224
12.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
Notes:
1. Typical data are based on TA = 25°C, VDD = 5V (4.5V ≤ VDD ≤ 5.5V range).
2. Data based on characterization results, tested in production at VDD max., fCPU max. and TA max.
3. Measurements are done in the following conditions:
- Program executed from Flash, CPU running with Flash (for flash devices).
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state.
- Clock input (OSC1) driven by external square wave.
- In SLOW and SLOW WAIT mode, fCPU is based on fOSC divided by 32.
To obtain the total current consumption of the device, add the clock source (Section 12.5.3) and the peripheral power
consumption (Section 12.4.2).
4. All I/O pins in input mode with a static value at VDD or VSS (no load). Data based on characterization results, tested in
production at VDD max., fCPU max. and TA max.
5. This consumption refers to the Halt period only and not the associated run period which is software dependent.
Symbol
Parameter
Conditions
Flash Devices ROM Devices
Unit
Typ1)
Max2)
Typ1
Max2)
IDD
Supply current in RUN mode3)
fOSC = 2 MHz, fCPU = 1 MHz
fOSC = 4 MHz, fCPU = 2 MHz
fOSC = 8 MHz, fCPU = 4 MHz
fOSC = 16 MHz, fCPU = 8 MHz
1.8
3.2
6
10
3
5
8
15
1.1
2.2
4.4
8.9
2
3.5
6
12
mA
Supply current in SLOW mode3)
fOSC = 2 MHz, fCPU = 62.5kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
0.5
0.6
0.85
1.25
2.7
3
3.6
4
0.1
0.2
0.4
0.8
0.2
0.4
0.8
1.5
Supply current in WAIT mode3)
fOSC = 2 MHz, fCPU = 1 MHz
fOSC = 4 MHz, fCPU = 2 MHz
fOSC = 8 MHz, fCPU = 4 MHz
fOSC = 16 MHz, fCPU = 8 MHz
1
1.8
3.4
6.4
3
4
5
7
0.7
1.4
2.9
5.7
3
4
5
7
Supply current in SLOW WAIT
mode2)
fOSC = 2 MHz, fCPU = 62.5 kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
0.4
0.5
0.6
0.8
1.2
1.3
1.8
2
0.07
0.14
0.28
0.56
0.12
0.25
0.5
1
Supply current in HALT mode4)
VDD = 5.5V
-40°C
≤ TA ≤ +85°C
<1
10
<1
10
µA
-40°C
≤ TA ≤ +125°C
50
50
Supply current in ACTIVE HALT
mode4)5)
0.5
1.2
0.18
0.25
mA
Supply current in AWUFH
mode4)5)
VDD = 5.5V
-40°C
≤ TA ≤ +85°C
25
30
25
30
µA
-40°C
≤ TA ≤ +125°C
70
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com