Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSP1069 Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # FMSP1069
Description  Reverse Polarity SMA F/M In/Out Bulkhead Coaxial RF Surge Protector, DC - 5.8GHz, 60 V Max., 10kA, Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSP1069 Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  FMSP1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSP1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSP1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 3 of 3
.62 15.7
2.05 52.1
SPLIT LOCK WASHER
HEX NUT
CRIMP RING TERMINAL
FOR GROUNDING WIRE
5/8-24UNEF
1/4-36UNS-2A
GAS
TUBE
RP-SMA PLUG
.528 13.4
FLATS
RP-SMA JACK
REVISIONS
REV.
DESCRIPTION
ECN
DATE
APPROVED
A
PRODUCTION RELEASE
4/28/20
DWR
TITLE
THE INFORMATION AND
DESIGN IN THIS DOCUMENT
IS THE PROPERTY OF
FAIRVIEW MICROWAVE CORPORATION.
ALL RIGHTS RESERVED.
DPM
A
FMSP1069
ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
DRAWN BY
THIRD-ANGLE PROJECTION
SHEET
OF
A
SCALE
SIZE
3FKR5
UNLESS OTHERWISE SPECIFIED LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
REV
1
1
1:1
ITEM NO.
CAGE CODE
THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT
ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW PROHIBITED.
°
ANGLES ± 1
± 1/32
FRACTIONS
.2 [5.08]
.X = ±
.XX = ±.02 [ .51 ]
.005 [ .13 ]
.XXX = ±
TOLERANCES:
L ≤ 12 [305] = +1 [25] / -0
12 [305] < L ≤ 60 [1524] = +2 [51] / -0
60 [1524] < L ≤ 120 [3048] = +4 [102] / -0
120 [3048] < L ≤ 300 [7620] = +6 [152] / -0
300 [7620] < L = +5%L / -0
CABLE LENGTH (L) TOLERANCES:
T-Rev.D
FMSP1069
DATA SHEET
Reverse Polarity SMA F/M In/Out Bulkhead Coaxial RF
Surge Protector, DC - 5.8GHz, 60 V Max., 10kA, Gas
Discharge Tube



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com