Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSP1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMSP1069
Description  Reverse Polarity SMA F/M In/Out Bulkhead Coaxial RF Surge Protector, DC - 5.8GHz, 60 V Max., 10kA, Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSP1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSP1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSP1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSP1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2020
RF surge protector (also known as lightning arrestor) FMSP1069 from Fairview
Microwave utilizing a gas discharge tube design to protect critical hardware
while maintaining the RF performance. This RF surge protector component is
manufactured in a coaxial in-line design with wide operating frequency range.
Fairview Microwave RF surge protector products are available in stock with same
day shipping.
Electrical Specifications
Surge Protector Type
Gas Discharge Tube
DC Handling
DC Pass
Description
Min
Typ
Max
Units
Frequency Range
DC
5.8
GHz
Impedance
50
Ohms
VSWR
1.5:1
Insertion Loss
0.6
dB
Operating Voltage (DC)
60
Volts
Input Power, CW
150
Watts
Surge Current
10
kA
Turn On Voltage
90
Volts
Mechanical Specifications
Size
Length
2.1 in [53.34 mm]
Width/Diameter
0.9 in [22.86 mm]
Height
1.2 in [30.48 mm]
.
Weight
0.25 lbs [113.4 g]
Housing Material and Plating
Brass, Tri-Metal
Configuration
Input Connector
SMA Female Reverse Polarity
Output Connector
SMA Male Reverse Polarity
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Reverse Polarity SMA F/M In/Out Bulkhead Coaxial
RF Surge Protector, DC - 5.8GHz, 60 V Max., 10kA,
Gas Discharge Tube
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Broadband Performance
from DC to 5.8GHz
• Repetitive Lightning
Strike Capability
• Bi-directional Protection
• Replaceable Gas Tube for
Installation Longevity
• Robust Brass Construction
Applications:
• Cellular
• Land Mobile Radio, VHF/UHF
• Wireless LAN
• Wireless Cable (MMDS)
• GPS
FMSP1069
DATA SHEET


Similar Part No. - FMSP1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSP1060 FAIRVIEW-FMSP1060 Datasheet
521Kb / 3P
4.3-10 M/F In/Out Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, DC Block, 500W, IP67, 40kA, Filter, Low PIM -173 dBc
REV 1.0
FMSP1061 FAIRVIEW-FMSP1061 Datasheet
626Kb / 3P
4.3-10 F/F Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, 500W, IP67, 80 V Max., 1mJ, 20kA, Filter, Low PIM -173 dBc
REV 1.0A
FMSP1062 FAIRVIEW-FMSP1062 Datasheet
624Kb / 3P
4.3-10 F/M Bulkhead Coaxial RF Surge Protector, 698MHz - 2.7GHz, 500W, IP67, 80 V Max., 1mJ, 20kA, Filter, Low PIM -173 dBc
REV 1.0A
FMSP1063 FAIRVIEW-FMSP1063 Datasheet
566Kb / 3P
Quarter Wave Stub RF Surge Protector, Type 7/16 DIN F/F, Low PIM, 800 - 2,250MHz
REV 1.1A
FMSP1064 FAIRVIEW-FMSP1064 Datasheet
560Kb / 3P
Quarter Wave Stub RF Surge Protector, Type 7/16 DIN M/F, Low PIM, 800 - 2,250MHz
REV 1.1A
More results

Similar Description - FMSP1069

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
Gas Discharge Tube Surge Protector
2033-80 BOURNS-2033-80 Datasheet
399Kb / 3P
Gas Discharge Tube Surge Protector
logo
Pasternack Enterprises,...
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1005 PASTERNACK-PE73SP1005 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1006 PASTERNACK-PE73SP1006 Datasheet
214Kb / 3P
7/16 F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com