Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 2Page - Texas Instruments DAC39RFS10 Datasheet HTML 3Page - Texas Instruments DAC39RFS10 Datasheet HTML 4Page - Texas Instruments DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments DAC39RFS10 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 232 page
background image
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
DAC OUTPUTS
DACOUTA-
A13
O
DAC channel A analog output negative terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance.
DACOUTA+
A12
O
DAC channel A analog output positive terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance.
DACOUTB-
T13
O
DAC channel B analog output negative terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance. Not available in single channel
devices.
DACOUTB+
T12
O
DAC channel B analog output positive terminal. Output voltage must comply with DAC
compliance voltage to maintain specified performance. Not available in single channel
devices.
DIFFERENTIAL CLOCK AND SYSREF INPUTS
CLK-
E16
I
Device clock input negative terminal. There is an internal 100Ω differential termination
between CLK+ and CLK–. This input is self-biased and must be AC coupled to the clock
source.
CLK+
D16
I
Device clock input positive terminal. There is an internal 100Ω differential termination
between CLK+ and CLK–. This input is self-biased and must be AC coupled to the clock
source.
SYSREF-
N16
I
Differential JESD204C SYSREF input negative terminal. There is an internal 100Ω
differential termination between SYSREF+ and SYSREF–.
SYSREF+
M16
I
Differential JESD204C SYSREF input negative terminal. There is an internal 100Ω
differential termination between SYSREF+ and SYSREF–.
SerDes INTERFACE
0SRX-
A7
I
Serdes Lane 0 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 0SRX+.
0SRX+
A8
I
Serdes Lane 0 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 0SRX-.
10SRX-
T5
I
Serdes Lane 10 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 10SRX+.
10SRX+
T4
I
Serdes Lane 10 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 10SRX-.
11SRX-
R5
I
Serdes Lane 11 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 11SRX+.
11SRX+
R4
I
Serdes Lane 11 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 11SRX-.
12SRX-
P1
I
Serdes Lane 12 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 12SRX+.
12SRX+
N1
I
Serdes Lane 12 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 12SRX-.
13SRX-
P2
I
Serdes Lane 13 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 13SRX+.
13SRX+
N2
I
Serdes Lane 13 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 13SRX-.
14SRX-
L1
I
Serdes Lane 14 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 14SRX+.
14SRX+
K1
I
Serdes Lane 14 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 14SRX-.
15SRX-
L2
I
Serdes Lane 15 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 15SRX+.
15SRX+
K2
I
Serdes Lane 15 positive input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 15SRX-.
1SRX-
B7
I
Serdes Lane 1 negative input. Includes in package AC-coupling series capacitor and 100Ω
internal termination to 1SRX+.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com