Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC39RFS10 Datasheet(PDF) 98 Page - Texas Instruments

Part # DAC39RFS10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 98 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 94Page - Texas Instruments DAC39RFS10 Datasheet HTML 95Page - Texas Instruments DAC39RFS10 Datasheet HTML 96Page - Texas Instruments DAC39RFS10 Datasheet HTML 97Page - Texas Instruments DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 232 page
background image
Figure 7-11. Analog Output Structure
Examples of conversions from digital codes to currents on the IOUTx± outputs are given in Table 7-2. The
currents shown in Table 7-2 include both the current steered portion and the bias currents on each leg.
Table 7-2. Example Digital Code to Analog Current Conversions
DIGITAL CODE
2'S COMPLEMENT
OFFSET BINARY
IDACOUTx+
IDACOUTx–
IDACOUTx+ – IDACOUTx–
32767
0111 1111 1111 1111
1111 1111 1111 1111
0.9999847 × IFS +
IBIAS
0.0000153 × IFS +
IBIAS
0.9999694 × IFS
16384
0100 0000 0000 0000 1100 0000 0000 0000
¾ × IFS + IBIAS
¼ × IFS + IBIAS
½ × IFS
0
0000 0000 0000 0000 0000 0000 0000 0000
½ × IFS + IBIAS
½ × IFS + IBIAS
0
–16384
1100 0000 0000 0000 0100 0000 0000 0000
¼ × IFS + IBIAS
¾ × IFS + IBIAS
–½ × IFS
–32768
1000 0000 0000 0000 0000 0000 0000 0000
IBIAS
IFS + IBIAS
–IFS
7.3.2.2 Full-Scale Current Adjustment
The total DAC output current is set through the external RBIAS resistor and the COARSE_CUR_A or
COARSE_CUR_B and the FINE_CUR_A or FINE_CUR_B registers. There is a switched fullscale current and a
static fullscale current. The switched current is divided between DACOUTA/B+ and DACOUTA/B- in proportion
to the digital signal value at the DAC. The static current is fixed at the output of each ball DACOUTA/B+ and
DACOUTA/B-.
The equation for the DAC switched output current is
IFSSWITCH=3.6kΩRBIAS× 5mA+1mA*COARSE+0.0156mA*FINE ×2CUR_2X_EN
(2)
where
• Rbias is the external bias resistor
• COARSE is the value of the register COARSE_CUR_A or COARSE_CUR_B (0 to 15)
• FINE is the value of register FINE_CUR_A or FINE_CUR_B (0 to 63)
• CUR_2X_EN is the value of register CUR_2X_EN (0 or 1)
The static current is a fixed fraction of the switched current
IFSSTATIC = 0.235 x IFSSWITCH
(3)
With a 3.6kΩ bias resistor, COARSE_CUR_A or COARSE_CUR_B = 15 and FINE_CUR_A or FINE_CUR_B =
31, IFSSWITCHED is ~ 20.5mA and IFSSTATIC ~ 4.82mA (on each ball + and -). Enabling CUR_2X_EN doubles the
currents.
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
www.ti.com
98
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com