Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080N5G Datasheet(PDF) 12 Page - STMicroelectronics

Part # M50LPW080N5G
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080N5G Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M50LPW080N5G Datasheet HTML 8Page - STMicroelectronics M50LPW080N5G Datasheet HTML 9Page - STMicroelectronics M50LPW080N5G Datasheet HTML 10Page - STMicroelectronics M50LPW080N5G Datasheet HTML 11Page - STMicroelectronics M50LPW080N5G Datasheet HTML 12Page - STMicroelectronics M50LPW080N5G Datasheet HTML 13Page - STMicroelectronics M50LPW080N5G Datasheet HTML 14Page - STMicroelectronics M50LPW080N5G Datasheet HTML 15Page - STMicroelectronics M50LPW080N5G Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
M50LPW080
12/44
used. Any other voltage input to VPP will result in
undefined behavior and should not be used.
VPP should not be set to VPPH for more than 80
hours during the life of the memory.
VSS Ground. VSS is the reference for all the volt-
age measurements.
BUS OPERATIONS
The two interfaces have similar bus operations but
the signals and timings are completely different.
The Low Pin Count (LPC) Interface is the usual in-
terface and all of the functionality of the part is
available through this interface. Only a subset of
functions are available through the Address/Ad-
dress Multiplexed (A/A Mux) Interface.
Follow the section Low Pin Count (LPC) Bus Op-
erations below and the section Address/Address
Multiplexed (A/A Mux) Interface Bus Operations
below for a description of the bus operations on
each interface.
Low Pin Count (LPC) Bus Operations
The Low Pin Count (LPC) Interface consists of
four data signals (LAD0-LAD3), one control line
(LFRAME) and a clock (CLK). In addition protec-
tion against accidental or malicious data corrup-
tion can be achieved using two further signals
(TBL and WP). Finally two reset signals (RP and
INIT) are available to put the memory into a known
state.
The data signals, control signal and clock are de-
signed to be compatible with PCI electrical specifi-
cations. The interface operates with clock speeds
up to 33MHz.
The following operations can be performed using
the appropriate bus cycles: Bus Read, Bus Write,
Standby, Reset and Block Protection.
Bus Read. Bus Read operations read from the
memory cells, specific registers in the Command
Interface or Low Pin Count Registers. A valid Bus
Read operation starts when Input Communication
Frame, LFRAME, is Low, VIL, as Clock rises and
the correct Start cycle is on LAD0-LAD3. On the
following clock cycles the Host will send the Cycle
Type + Dir, Address and other control bits on
LAD0-LAD3. The memory responds by outputting
Sync data until the wait-states have elapsed fol-
lowed by Data0-Data3 and Data4-Data7.
See Table 7. and Figure 6. for a description of the
Field definitions for each clock cycle of the trans-
fer. See Table 23. and Figure 11. for details on the
timings of the signals.
Bus Write. Bus Write operations write to the
Command Interface or Low Pin Count Registers. A
valid Bus Write operation starts when Input Com-
munication Frame, LFRAME, is Low, VIL, as Clock
rises and the correct Start cycle is on LAD0-LAD3.
On the following Clock cycles the Host will send
the Cycle Type + Dir, Address, other control bits,
Data0-Data3 and Data4-Data7 on LAD0-LAD3.
The memory outputs Sync data until the wait-
states have elapsed.
See Table 8. and Figure 7. for a description of the
Field definitions for each clock cycle of the trans-
fer. See Table 23. and Figure 11. for details on the
timings of the signals.
Bus Abort. The Bus Abort operation can be used
to immediately abort the current bus operation. A
Bus Abort occurs when LFRAME is driven Low,
VIL, during the bus operation; the memory will tri-
state
the
Input/Output
Communication
pins,
LAD0-LAD3.
Note that, during a Bus Write operation, the Com-
mand Interface starts executing the command as
soon as the data is fully received; a Bus Abort dur-
ing the final TAR cycles is not guaranteed to abort
the command; the bus, however, will be released
immediately.
Standby. When LFRAME is High, VIH, the mem-
ory is put into Standby mode where LAD0-LAD3
are put into a high-impedance state and the Sup-
ply Current is reduced to the Standby level, ICC1.
Reset. During Reset mode all internal circuits are
switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is
in Reset mode when Interface Reset, RP, or CPU
Reset, INIT, is Low, VIL. RP or INIT must be held
Low, VIL, for tPLPH. The memory resets to Read
mode upon return from Reset mode and the Lock
Registers return to their default states regardless
of their state before Reset (see Table 13.). If RP or
INIT goes Low, VIL, during a Program or Erase op-
eration, the operation is aborted and the memory
cells affected no longer contain valid data; the
memory can take up to tPLRH to abort a Program
or Erase operation.
Block Protection. Block
Protection
can
be
forced using the signals Top Block Lock, TBL, and
Write Protect, WP, regardless of the state of the
Lock Registers.
Address/Address Multiplexed (A/A Mux) Bus
Operations
The Address/Address Multiplexed (A/A Mux) Inter-
face has a more traditional style interface. The sig-
nals consist of a multiplexed address signals (A0-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com