Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080N5G Datasheet(PDF) 20 Page - STMicroelectronics

Part # M50LPW080N5G
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080N5G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M50LPW080N5G Datasheet HTML 16Page - STMicroelectronics M50LPW080N5G Datasheet HTML 17Page - STMicroelectronics M50LPW080N5G Datasheet HTML 18Page - STMicroelectronics M50LPW080N5G Datasheet HTML 19Page - STMicroelectronics M50LPW080N5G Datasheet HTML 20Page - STMicroelectronics M50LPW080N5G Datasheet HTML 21Page - STMicroelectronics M50LPW080N5G Datasheet HTML 22Page - STMicroelectronics M50LPW080N5G Datasheet HTML 23Page - STMicroelectronics M50LPW080N5G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
M50LPW080
20/44
Program Suspend Status (Bit 2). The Program
Suspend Status bit indicates that a Program oper-
ation has been suspended and is waiting to be re-
sumed. The Program Suspend Status should only
be considered valid when the Program/Erase
Controller Status bit is ‘1’ (Program/Erase Control-
ler inactive); after a Program/Erase Suspend com-
mand is issued the memory may still complete the
operation rather than entering the Suspend mode.
When the Program Suspend Status bit is ‘0’ the
Program/Erase Controller is active or has complet-
ed its operation; when the bit is ‘1’ a Program/
Erase Suspend command has been issued and
the memory is waiting for a Program/Erase Re-
sume command.
When a Program/Erase Resume command is is-
sued the Program Suspend Status bit returns to
‘0’.
Block Protection Status (Bit 1). The Block Pro-
tection Status bit can be used to identify if the Pro-
gram or Block Erase operation has tried to modify
the contents of a protected block. When the Block
Protection Status bit is to ‘0’ no Program or Block
Erase operations have been attempted to protect-
ed blocks since the last Clear Status Register
command or hardware reset; when the Block Pro-
tection Status bit is ‘1’ a Program or Block Erase
operation has been attempted on a protected
block.
Once it is set to ‘1’ the Block Protection Status bit
can only be reset to ‘0’ by a Clear Status Register
command or a hardware reset. If it is set to ‘1’ it
should be reset before a new Program or Block
Erase command is issued, otherwise the new
command will appear to fail.
Using the A/A Mux Interface the Block Protection
Status bit is always ‘0’.
Reserved (Bit 0). Bit 0 of the Status Register is
reserved. Its value should be masked.
Table 11. Status Register Bits
Note: 1. For Program operations during Erase Suspend Bit 6 is ‘1’, otherwise Bit 6 is ‘0’.
Operation
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Program active
‘0’
X(1)
‘0’
‘0’
‘0’
‘0’
‘0’
Program suspended
‘1
X(1)
‘0’
‘0’
‘0’
‘1’
‘0’
Program completed successfully
‘1’
X(1)
‘0’
‘0’
‘0’
‘0’
‘0’
Program failure due to VPP Error
‘1’
X(1)
‘0’
‘0’
‘1’
‘0’
‘0’
Program failure due to Block Protection (LPC Interface only)
‘1’
X(1)
‘0’
‘0’
‘0’
‘0’
‘1’
Program failure due to cell failure
‘1’
X(1)
‘0’
‘1’
‘0’
‘0’
‘0’
Erase active
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
Block Erase suspended
‘1’
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
Erase completed successfully
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
‘0’
Erase failure due to VPP Error
‘1’
‘0’
‘0’
‘0’
‘1’
‘0’
‘0’
Block Erase failure due to Block Protection (LPC Interface
only)
‘1’
‘0’
‘0’
‘0’
‘0’
‘0’
‘1’
Erase failure due to failed cell(s)
‘1’
‘0’
‘1’
‘0’
‘0’
‘0’
‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com