Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136PM Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB2136PM
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136PM Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB2136PM Datasheet HTML 32Page - Texas Instruments TUSB2136PM Datasheet HTML 33Page - Texas Instruments TUSB2136PM Datasheet HTML 34Page - Texas Instruments TUSB2136PM Datasheet HTML 35Page - Texas Instruments TUSB2136PM Datasheet HTML 36Page - Texas Instruments TUSB2136PM Datasheet HTML 37Page - Texas Instruments TUSB2136PM Datasheet HTML 38Page - Texas Instruments TUSB2136PM Datasheet HTML 39Page - Texas Instruments TUSB2136PM Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
2−23
2.9.4
Logical Interrupt Connection Diagram (INT0)
Figure 2−4 represents the logical connection of the interrupt sources and the relation of the logical connection with
INT0. The priority encoder generates an 8-bit vector, corresponding to 64 interrupt sources (not all are used). The
interrupt priorities are hard wired. Vector 46h is the highest and 12h is the lowest. Table 2−8 lists the interrupt source
for each valid interrupt vector.
Interrupts
INT0
Priority
Encoder
Vector
Interrupt Sources
46h
12h
L
Figure 2−4. Internal Vector Interrupt (INT0)
2.9.5
P2[7:0] Interrupt (INT1)
Figure 2−5 illustrates the conceptual port-2 interrupt. All port-2 input signals are connected in a logical OR to generate
the INT1 interrupt. Note that the inputs are active low and INT1 is programmed as a level-triggered interrupt. In
addition, INT1 is connected to the suspend/resume logic for remote wake-up support. As illustrated, the XINT bit in
the MCU configuration register (MCNFG) is used to select the EX1 interrupt source. When XINT = 0, P3.3 is the
source, and when XINT = 1, P2[7:0] is the source.
Suspend/
Resume
Logic
P2[7:0]
P3.3
INT1
XINT Bit
Figure 2−5. P2[7:0] Input Port Interrupt Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com