Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136PM Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB2136PM
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136PM Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB2136PM Datasheet HTML 11Page - Texas Instruments TUSB2136PM Datasheet HTML 12Page - Texas Instruments TUSB2136PM Datasheet HTML 13Page - Texas Instruments TUSB2136PM Datasheet HTML 14Page - Texas Instruments TUSB2136PM Datasheet HTML 15Page - Texas Instruments TUSB2136PM Datasheet HTML 16Page - Texas Instruments TUSB2136PM Datasheet HTML 17Page - Texas Instruments TUSB2136PM Datasheet HTML 18Page - Texas Instruments TUSB2136PM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
2−2
I2C bus, or the host can be used via the USB. On device reset, the SDW bit (in the ROM register) and the CONT bit
in the USB control register (USBCTL) are cleared. This configures the memory space to boot mode (see memory
map, Table 2−2) and keeps the device disconnected from the host.
The first instruction is fetched from location 0000 (which is in the 6K ROM). The 8K RAM is mapped to XDATA space
(location 0000h). The MCU executes a read from an external EEPROM and tests to see if it contains the code (test
for boot signature). If it contains the code, the MCU reads from EEPROM and writes to the 8K RAM in XDATA space.
If not, the MCU proceeds to boot from USB.
Once the code is loaded, the MCU sets SDW to 1. This switches the memory map to normal mode, i.e. the 8K RAM
is mapped to code space, and the MCU starts executing from location 0000h. Once the switch is done, the MCU sets
CONT to 1 (in the USBCTL register) This connects the device to the USB, resulting in the normal USB device
enumeration.
2.2.2
MCNFG: MCU Configuration Register
This register is used to control the MCU clock rate.
7
6
5
4
3
210
RSV
XINT
OVCE
R3
R2
R1
R0
SDW
R/W
R/W
R/W
R/O
R/O
R/O
R/O
R/W
BIT
NAME
RESET
FUNCTION
0
SDW
0
This bit enables/disables boot ROM.
0
SDW
0
SDW = 0
When clear, the MCU executes from the 6K boot ROM space. The boot ROM appears in two
locations: 0000 and 8000h. The 8K RAM is mapped to XDATA space; therefore, read/write
operation is possible. This bit is set by the MCU after the RAM load is completed. The MCU
cannot clear this bit. It is cleared on power-up reset or function reset.
SDW = 1
When set by MCU, the 6K boot ROM maps to location 8000h, and the 8K RAM is mapped to
code space, starting at location 0000h. At this point, the MCU executes from RAM, and write
operation is disabled (no write operation is possible in code space).
4−1
R[3:0]
No effect
These bits reflect the device revision number.
5
OVCE
0
Hub overcorrect detection enable/disable bit.
5
OVCE
0
OVCE = 0
Hub overcorrect detection is disabled.
OVCE = 1
Hub overcorrect detection is enabled.
6
XINT
0
INT1 source control bit
6
XINT
0
XINT = 0
INT1 is connected to the P3.3 pin and operates as a standard INT1 interrupt.
XINT = 1
INT1 is connected to the OR of port-2 inputs.
7
RSV
0
Reserved
2.2.3
PUR_n: GPIO Pullup Register for Port n (n = 0 to 3)
PUR_0: GPIO pullup register for port 0
PUR_1: GPIO pullup register for port 1
PUR_2: GPIO pullup register for port 2
PUR_3: GPIO pullup register for port 3
76
54
32
1
0
PORT_n.7
PORT_n.6
PORT_n.5
PORT_n.4
PORT_n.3
PORT_n.2
PORT_n.1
PORT_n.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0−7
PORT_n.N
(N = 0 to 7)
0
The MCU can write to this register. If the MCU sets this bit to 1, the pullup resistor is disconnected from
the pin. If the MCU clears this bit to 0, the pullup resistor is connected to the pin. The pullup resistor is
connected to the VCC power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com