Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7404 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 7404
Description  HEX INVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7404 Datasheet(HTML) 1 Page - STMicroelectronics

  7404 Datasheet HTML 1Page - STMicroelectronics 7404 Datasheet HTML 2Page - STMicroelectronics 7404 Datasheet HTML 3Page - STMicroelectronics 7404 Datasheet HTML 4Page - STMicroelectronics 7404 Datasheet HTML 5Page - STMicroelectronics 7404 Datasheet HTML 6Page - STMicroelectronics 7404 Datasheet HTML 7Page - STMicroelectronics 7404 Datasheet HTML 8Page - STMicroelectronics 7404 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC04
M74HC04
December 1992
HEX INVERTER
B1R
(Plastic Package)
ORDER CODES :
M54HC04F1R
M74HC04M1R
M74HC04B1R
M74HC04C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 6 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS04
The M54/74HC04 is a high speed CMOS HEX IN-
VERTER fabricated in silicon gate C
2MOS technol-
ogy. It has the same high speed performance of
LSTTL combined with true CMOS low power con-
sumption.
The internal circuit is composed of 3 stages includ-
ing buffer output, which enables high noise im-
munity and stable output. All inputs are equipped
with circuits against static discharge and transient
excess voltage.
DESCRIPTION
1/9


Similar Part No. - 7404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7404 STMICROELECTRONICS-7404 Datasheet
287Kb / 11P
TRIPLE VOLTAGE REGULATOR
Nov-2000
logo
List of Unclassifed Man...
7404 ETC-7404 Datasheet
178Kb / 1P
Package contains six inverters
logo
Fairchild Semiconductor
7404 FAIRCHILD-7404 Datasheet
45Kb / 4P
Hex Inverting Gates
logo
Bourns Electronic Solut...
7404-RC BOURNS-7404-RC Datasheet
89Kb / 1P
Common Mode Inductors/EMI Filters
logo
Myrra
74040 MYRRA-74040 Datasheet
123Kb / 1P
FLYBACK TRANSFORMER
More results

Similar Description - 7404

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com