Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM1B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RAM1B
Description  SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAM1B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RAM1B Datasheet HTML 1Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 2Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 3Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 4Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.94
0.82
0.70
0.58
0.47
0.35
0.23
85
1.10
0.96
0.82
0.69
0.55
0.41
0.27
73
1.30
1.14
0.98
0.81
0.65
0.49
0.33
61
1.57
1.38
1.18
0.98
0.79
0.59
0.39
51
1.95
1.70
1.46
1.22
0.97
0.73
0.49
41
2.48
2.17
1.86
1.55
1.24
0.93
0.62
32
3.32
2.90
2.49
2.07
1.66
1.24
0.83
24
4.75
4.15
3.56
2.97
2.37
1.78
1.19
17
7.68
6.72
5.76
4.80
3.84
2.88
1.92
10
-
14.59 12.50 10.42
8.34
6.25
4.17
5
20
30
40
50
60
70
80
0.60
0.52
0.43
0.34
0.26
0.17
0.09
117
0.74
0.64
0.54
0.44
0.34
0.24
0.14
101
0.91
0.79
0.68
0.56
0.45
0.33
0.22
87
1.09
0.96
0.82
0.68
0.55
0.41
0.27
73
1.33
1.16
1.00
0.83
0.66
0.50
0.33
60
1.66
1.45
1.24
1.04
0.83
0.62
0.41
48
2.16
1.89
1.62
1.35
1.08
0.81
0.54
37
3.01
2.64
2.26
1.88
1.51
1.13
0.75
27
4.73
4.14
3.55
2.96
2.37
1.78
1.18
17
9.94
8.70
7.45
6.21
4.97
3.73
2.48
8
20
30
40
50
60
70
80
0.63
0.55
0.47
0.40
0.32
0.24
0.16
126
0.73
0.64
0.54
0.45
0.36
0.27
0.18
110
0.84
0.74
0.63
0.53
0.42
0.32
0.21
95
0.99
0.87
0.74
0.62
0.50
0.37
0.25
81
1.20
1.05
0.90
0.75
0.60
0.45
0.30
67
1.48
1.30
1.11
0.93
0.74
0.56
0.37
54
1.92
1.68
1.44
1.20
0.96
0.72
0.48
42
2.65
2.32
1.98
1.65
1.32
0.99
0.66
30
4.12
3.60
3.09
2.57
2.06
1.54
1.03
19
8.55
7.48
6.41
5.34
4.27
3.21
2.14
9
20
30
40
50
60
70
80
4
Specifications are subject to change without notice (28.02.2007)
Heatsink Dimensions (cont.)
Carlo Gavazzi Heatsink
Thermal
for power
(see Accessories)
resistance...
dissipation
No heatsink required
---
N/A
RHS 300
5.00 K/W
> 0 W
RHS 100
3.00 K/W
> 25 W
RHS 45C
2.70 K/W
> 55 W
RHS 45B
2.00 K/W
> 60 W
RHS 90A
1.35 K/W
> 60 W
RHS 45C plus fan
1.25 K/W
> 0 W
RHS 45B plus fan
1.20 K/W
> 0 W
RHS 112A
1.10 K/W
> 100 W
RHS 301
0.80 K/W
> 80 W
RHS 90A plus fan
0.45 K/W
> 0 W
RHS 112A plus fan
0.40 K/W
> 0 W
RHS 301 plus fa
0.25 K/W
> 0 W
Consult your distribution
> 0.25 K/W
N/A
Infinite heatsink - No solution
---
N/A
Heatsink Selection
RAM1A, RAM1B
RAM..75
TA
Ambient temp. [
°C]
75.0
67.5
60.0
52.5
45.0
37.5
30.0
22.5
15.0
7.5
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
RAM..100
TA
Ambient temp. [
°C]
100.0
90.0
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
RAM..125
TA
Ambient temp. [
°C]
125.0
112.5
100.0
87.5
75.0
62.5
50.0
37.5
25.0
12.5
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
Rated isolation voltage
Input to output
≥ 4000VACrms
Output to case
≥ 4000VACrms
Isolation
Operating temperature
-40° to +80°C (-40˚ to +176˚F)
Storage temperature
-40° to +100°C (-40˚ to +212˚F)
Junction temperature
≤ 125˚C (257˚F)
Thermal Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com