Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM1B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RAM1B
Description  SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAM1B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RAM1B Datasheet HTML 1Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 2Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 3Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 4Page - List of Unclassifed Manufacturers RAM1B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice (28.02.2007)
5
RAM1A, RAM1B
Faston terminals
Fork Terminals
All accessories can be ordered pre-assembled with Solid State Relays.
Other accessories include DIN rail adaptors, fuses, varistors and spacers.
For futher information refer to Accessories datasheets.
• Faston tabs
• Tab dimensions accord-
ing to DIN 46342 part 1
• Pure tin-plated brass
• Terminal adaptors
for 35mm2 cable
• Type RM635FK
• Pack size: 20 pieces
RAM Solid State Relay
Faston terminals
Tab orientation
Input Tab width: 4.8mm
Output Tab width: 6.3mm
Ordering Key
Ordering Key
Screw mounted
Faston terminals
RAM1A60D25 F 4
*
Other Accessories
• Heatsinks and fans
• Type RHS....
• 0.25 to 5.00 k/W
• Single and dual
relay types
• Touch safety cover
• Type RMIP20
• IP20 protection degree
• Pack size: 20 pieces
RS, RM Solid State Relay
Tab orientation
** 48: 4.8mm faston for input
63: 6.3mm faston for output
Faston terminals
in packs of 20
RM48
F4
*
**
0: Flat (0º)
4: Angled (45º)
*
RM terminal adaptor
Touch protected (optional)
RM635FK
P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com