Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03450 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03450
Description  High Back Sack Truck
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03450 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03450 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
04/01/21
High Back Sack Truck
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  General purpose hand truck
•  P-Style handle allows for the truck to be laid flat for loading
•  Rounded back support for carrying
•  Welded joints for greater strength
•  Pneumatic wheels increase the stability
•  Single handed manoeuvring
Specification
Truck Type 
: Sack  
Carrying Capacity 
: 200kg  
External Height 
: 460mm  
External Width 
: 550mm  
Length 
: 1310mm  
Product Range 
: Duratool - Sack Trucks
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
High Back Sack Truck, 200kg
D03450


Similar Part No. - D03450

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03451 DURATOOL-D03451 Datasheet
176Kb / 1P
Sack Truck with Large Folding Toe Plate
04/01/21 V1.0
D03452 DURATOOL-D03452 Datasheet
205Kb / 1P
Stair Climber Sack Truck
04/01/21 V1.0
D03453 DURATOOL-D03453 Datasheet
206Kb / 1P
Platform Truck / Trolley
04/01/21 V1.0
D03455 DURATOOL-D03455 Datasheet
210Kb / 1P
3-in-1 Trolley & Sack Truck
04/01/21 V1.0
D03456 DURATOOL-D03456 Datasheet
287Kb / 1P
Service Cart / Trolley
04/01/21 V1.0
More results

Similar Description - D03450

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
Mighty Mouse High-Speed Back-to-Back
801-045 GLENAIR-801-045 Datasheet
261Kb / 1P
Mighty Mouse High-Speed Back-to-Back Connector
801-047 GLENAIR-801-047 Datasheet
192Kb / 1P
Mighty Mouse High-Speed Back-to-Back Connector
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
ETAL Group
SBG-E1048-05-V0025 ETAL-SBG-E1048-05-V0025 Datasheet
206Kb / 2P
Power distribution system on pcb for truck applications
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
NXP Semiconductors
NX30P0121UK NXP-NX30P0121UK Datasheet
483Kb / 21P
High-voltage back-to-back OVP switch
Rev. 1.0 - 19 June 2019
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com