Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM1A69D25Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RAM1A69D25Z
Description  SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAM1A69D25Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RAM1A69D25Z Datasheet HTML 1Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 2Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 3Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 4Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications are subject to change without notice (28.02.2007)
1
Type Selection
Switching mode
Rated operational
Control voltage
Rated operational
Options
voltage
current
A: Zero Switching
23: 230VACrms
A: 20-280 VAC/22-48VDC
25 : 25AACrms
Z: Overvoltage
B: Instant-on switching
60: 600VACrms
D: 3 - 32VDC*
50 : 50AACrms
protection (self-
(DC Control only)
69: 690VACrms
75 : 75AACrms
switching)
* 4 to 32VDC for RAM1A60..., RAM1A69...
100:100AACrms
* 4 to 32VDC for RAM1B types
125:125AACrms
Rated
Blocking
Control
Rated operational current
operational
voltage
voltage
25A
50A
75A
100A
125A
voltage
230VACrms
650Vp
3 - 32VDC
RAM1A23D25 RAM1A23D50 RAM1A23D75 RAM1A23D100 RAM1A23D125
20-280VAC/22-48VDC
RAM1A23A25 RAM1A23A50
RAM1A23A75
RAM1A23A100
RAM1A23A125
600VACrms
1200Vp
4 - 32VDC
RAM1A60D25 RAM1A60D50 RAM1A60D75 RAM1A60D100 RAM1A60D125
20-280VAC/22-48VDC
RAM1A60A25 RAM1A60A50
RAM1A60A75
RAM1A60A100
RAM1A60A125
690VACrms
1600Vp
4-32VDC
-
-
RAM1A69D75 RAM1A69D100 RAM1A69D125
20-280VAC/ 22-48VDC
-
-
RAM1A69A75
RAM1A69A100
RAM1A69A125
Options
1
Overvoltage protection by self-switching: add suffix Z to include. Example: RAM1A60D25Z. Not applicable for 690V version.
• Zero switching (RAM1A) or instant-on
switching (RAM1B) AC Solid State Relay
• Direct copper bonding (DCB) technology
• LED indication
• Clip-on IP 20 protection cover
• Self-lifting terminals
• Housing free of moulding mass
• 2 input ranges: 3-32 * and 20-280 VAC/22-48VDC
• Operational ratings: Up to 125AACrms and 600VACrms
• Blocking voltage: Up to 1600Vp
• Opto-isolation: > 4000VACrms
• Integrated overvoltage protection by self
switching (suffix “Z” option)
Product Description
The industrial, 1-phase relay
with antiparallel thyristor out-
put is the most widely used
industrial SSR due to its mul-
tiple application possibilities.
The relay can be used for
resistive,
inductive
and
capacitive loads. The zero
switching relay switches ON
when the sinusoidal curve
crosses zero and switches
OFF when the current cross-
Solid State Relay
Number of poles
Switching mode
Rated operational voltage
Control voltage
Rated operational current
Options
Ordering Key
Solid State Relays
es zero. The instant-on relay
with DC control input can be
used for phase angle control.
The built-in snubber secures
transient protection. The LED
indicates the status of the
control input. The clip-on cov-
er secures touch protection
(IP 20). Protected output ter-
minals can handle cables up
to 16 mm2.
Selection Guide
Industrial, 1-Phase ZS (IO) w. LED
Types RAM1A, RAM1B
RAM 1 A 60 D 125 Z


Similar Part No. - RAM1A69D25Z

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RAM AXIOMTEK-RAM Datasheet
425Kb / 2P
2U Rackmount Server with Dual 4th Gen Intel® Xeon® Scalable Processor, Intel® C741 PCH for HPC in Medical Applications
Jun. 29, 2023.
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
Mini-Circuits
RAM-1 MINI-RAM-1 Datasheet
198Kb / 4P
Monolithic Amplifier
logo
Recom International Pow...
RAM-1205S RECOM-RAM-1205S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
SUN HOLD ELECTRIC INC
RAM-1A-10 SUNHOLD-RAM-1A-10 Datasheet
808Kb / 2P
RAM SERIES
More results

Similar Description - RAM1A69D25Z

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
Three Phase Solid State Relays
SVT965760 CELDUC-SVT965760 Datasheet
128Kb / 3P
Three Phase Solid State Relays
logo
List of Unclassifed Man...
RA2410LA ETC2-RA2410LA Datasheet
54Kb / 5P
Solid State Relays Industrial, 1-Phase ZS, Standard Range
RP1A ETC2-RP1A Datasheet
49Kb / 3P
Solid State Relays PCB, 1-Phase ZS/IO Types RP1A, RP1B
RM1A48D50 ETC2-RM1A48D50 Datasheet
114Kb / 3P
Solid State Relays Industrial, 1-Phase ZS (IO) w. LED and Built-in Varistor
RS1A23D25 ETC2-RS1A23D25 Datasheet
135Kb / 5P
Solid State Relays Industrial, 1-Phase ZS w. LED
RS1A48D40 ETC2-RS1A48D40 Datasheet
196Kb / 3P
Solid State Relays Industrial, 1-Phase ZS w. LED Types RS 23, RS 40, RS 48
RM1E60AA50 ETC2-RM1E60AA50 Datasheet
110Kb / 4P
Solid State Relays Industrial, 1-Phase Analog Switching Type RM1E
RZ3A60D55 ETC2-RZ3A60D55 Datasheet
109Kb / 4P
Solid State Relays Industrial, 3-Phase ZS Type RZ3A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com