Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM1A69D25Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RAM1A69D25Z
Description  SOLID STATE RELAYS INDUSTRIAL, 1-PHASE ZS (IO) W.LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RAM1A69D25Z Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RAM1A69D25Z Datasheet HTML 1Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 2Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 3Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 4Page - List of Unclassifed Manufacturers RAM1A69D25Z Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.25
1.07
0.88
0.70
0.52
0.34
0.16
55
1.46
1.25
1.04
0.84
0.63
0.42
0.21
48
1.73
1.49
1.25
1.01
0.77
0.52
0.28
41
2.08
1.80
1.51
1.23
0.94
0.66
0.37
35
2.56
2.22
1.87
1.53
1.18
0.84
0.49
29
3.24
2.81
2.38
1.95
1.52
1.09
0.66
23
4.26
3.71
3.15
2.59
2.03
1.47
0.92
18
5.99
5.22
4.45
3.67
2.90
2.12
1.35
13
9.49
8.27
7.06
5.85
4.64
3.43
2.22
8
-
17.5
15.0
12.4
9.91
7.39
4.86
4
20
30
40
50
60
70
80
3.23
2.80
2.37
1.94
1.51
1.09
0.66
23
3.70
3.21
2.73
2.24
1.75
1.26
0.78
21
4.30
3.74
3.17
2.61
2.05
1.49
0.92
18
5.07
4.41
3.76
3.10
2.44
1.78
1.12
15
6.12
5.33
4.54
3.75
2.96
2.17
1.38
13
7.58
6.61
5.64
4.66
3.69
2.72
1.75
10
9.80
8.55
7.30
6.05
4.80
3.55
2.30
8
13.5
11.80 10.09
8.37
6.66
4.94
3.23
6
-
18.3
15.7
13.04 10.39
7.74
5.09
4
-
-
-
-
-
16.2
10.7
2
20
30
40
50
60
70
80
Specifications are subject to change without notice (28.02.2007)
3
A1
( )
A2( )
+
~
T1
L1
ZC
IO
REGULATION
-
~
Weight
25A, 50A
Approx. 60g
75A, 100A, 125A
Approx. 100g
Housing material
Noryl, black
Baseplate
25A, 50A
Aluminium
75A, 100A, 125A
Copper, nickel-plated
Housing Specifications
Relay
Mounting screws
M5
Mounting torque
1.5-2.0Nm
Control terminal
Mounting screws
M3 x 9
Mounting torque
0.5Nm
Power terminal
Mounting screws
M5 x 9
Mounting torque
2.4Nm
Dimensions
APPLY
HEATSINK
COMPOUND
LED
Functional Diagram
RAM1A, RAM1B
Heatsink Dimensions (load current versus ambient temperature)
RAM..25
TA
Ambient temp. [
°C]
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
Power
dissipation [W]
Thermal resistance
[K/W]
Load
current [A]
RAM..50
TA
Ambient temp. [
°C]
50.0
45.0
40.0
35.0
30.0
25.0
20.0
15.0
10.0
5.0
Power
dissipation [W]
Thermal resistance
[K/W]
All dimensions in mm.
Load
current [A]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com