Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E91/32 Datasheet(PDF) 2 Page - ABB

Part # E91/32
Description  E 91/32 Fuse switch disconnector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

E91/32 Datasheet(HTML) 2 Page - ABB

  E91/32 Datasheet HTML 1Page - ABB E91/32 Datasheet HTML 2Page - ABB E91/32 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Container Information
6 piece
Package Level 1 Units
0.105 m
Package Level 1 Width
0.085 m
Package Level 1 Height
0.064 m
Package Level 1 Depth /
Length
0.369 kg
Package Level 1 Gross
Weight
8012542009245
Package Level 1 EAN
Environmental
Following EU Directive 2011/65/EU
RoHS Status
Additional Information
IP20
Degree of Protection
1 module
Dimensions
10x38 mm
Fuse Size
DIN rail
Mounting Type
1
Number of Poles
1
Number of Protected
Poles
No
Options Provided
at Rated Operating Conditions per Pole 3 W
Power Loss
E 90
Product Main Type
Fuse switch disconnector
Product Name
32 A
Rated Current (In)
50...60 Hz
Rated Frequency (f)
690 V
Rated Voltage (Ur)
690 V AC
Rated Operational
Voltage
1/1/2014
RoHS Date
690 V AC
Voltage Range
Certificates and Declarations (Document Number)
2CSC444002B0204
Data Sheet, Technical
Information
2CSC444002D2701
Declaration of
Conformity - CE
See RoHS Information
Environmental
Information
on the product body
Instructions and
Manuals
2CSC444011K2701
RoHS Information
Classifications
EC000036 - Miniature fuse holder
ETIM 4
EC000036 - Miniature fuse holder
ETIM 5
EC002705 - Holder for cylindrical fuse
ETIM 6
EC002705 - Holder for cylindrical fuse
ETIM 7
F
Object Classification
Code
5. Small Equipment (No External Dimension More Than 50 cm)
WEEE Category
2
E 91/32



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com